Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK05Z-SOT Datasheet(PDF) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK05Z-SOT
Description  SOT Component Package Adapters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK05Z-SOT Datasheet(HTML) 2 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK05Z-SOT Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK05Z-SOT Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK05Z-SOT Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK05Z-SOT Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE 2 ACCUTEKMICRO.COM 6/2012(SOT2)
AK03G-SOT89-1.4mm
0.300"
0.100"
0.109"
3 Pin SOT89-1.4mm pitch to 3 Pin SIP
AK03G-SOT23
0.300"
0.100"
0.075"
3 Pin SOT23 to 3 Pin SIP
AK03G-SOT223-3P
0.300"
0.100"
0.180"
3 Pin SOT 223 to 3 Pin SIP
AK03G-SC70
0.300"
0.100"
0.051"
3 Pin SC70 to 3 Pin SIP
AK03G-SOT23-IPC
0.300"
0.100"
0.086"
3 Pin SOT23 to 3 Pin SIP
AK03G-SOT89
0.300"
0.100"
0.119"
3 Pin SOT89 to 3 Pin SIP
0.060"


Similar Part No. - AK05Z-SOT

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK05Z-SOT ACCUTEK-AK05Z-SOT Datasheet
123Kb / 4P
   SOT Component Package Adapters
AK05Z-SOT223-5P ACCUTEK-AK05Z-SOT223-5P Datasheet
123Kb / 4P
   SOT Component Package Adapters
More results

Similar Description - AK05Z-SOT

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK03G-SOT23 ACCUTEK-AK03G-SOT23_12 Datasheet
123Kb / 4P
   SOT Component Package Adapters
logo
KEC(Korea Electronics)
KDR393S KEC-KDR393S_06 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
KDV153 KEC-KDV153_02 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
BAV99 KEC-BAV99 Datasheet
372Kb / 1P
   SOT-23 PACKAGE
BCW31 KEC-BCW31_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
BCW29 KEC-BCW29_98 Datasheet
349Kb / 1P
   SOT-23 PACKAGE
KDS135S KEC-KDS135S Datasheet
348Kb / 1P
   SOT-23 PACKAGE
MMBZ5240B KEC-MMBZ5240B Datasheet
17Kb / 1P
   SOT-23 PACKAGE
KDR721S KEC-KDR721S_05 Datasheet
16Kb / 1P
   SOT-23 PACKAGE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com