Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XH103F03RC Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XH103F03RC
Description  NTC Thermistors
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XH103F03RC Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XH103F03RC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP15XH103F03RC Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
7
1
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
NTC Thermistors
Temperature Sensor and Compensation 0201 (0603) Size
0201/0402/0603/0805 sized Chip NTC Thermistors
have a unique inner construction and nickel barrier
terminations which provide excellent solderability
and high stability in the application environment.
s Features
1. Excellent solderability and high stability in environment
2. Excellent long-term aging stability
3. High accuracy in resistance and B-Constant
4. Reflow soldering possible
5. NCP series are recognized by UL/cUL
(UL1434, File No. E137188).
s Applications
1. Temperature compensation for transistor, IC and
crystal oscillator in mobile communications
2. Temperature sensor for rechargeable batteries
3. Temperature compensation of LCD
4. Temperature compensation in general use of electric circuits
Electrode
(Ag System + Ni Plating + Sn Plating)
0.15
±0.05
0.15
±0.05
0.60
±0.03
(in mm)
Part Number
Resistance
(25
°C)
(ohm)
B-Constant
(25-50
°C)
(K)
B-Constant
(25-80
°C)
(Reference Value) (K)
B-Constant
(25-85
°C)
(Reference Value) (K)
B-Constant
(25-100
°C)
(Reference Value) (K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
NCP03YS110J05RL
11
±5%
2750
±3%
2758
2758
2758
9.50
100
1
NCP03YS220J05RL
22
±5%
2750
±3%
2758
2758
2758
6.70
100
1
NCP03YS330J05RL
33
±5%
2750
±3%
2758
2758
2758
5.50
100
1
NCP03YS470J05RL
47
±5%
2750
±3%
2758
2758
2758
4.60
100
1
NCP03YS680J05RL
68
±5%
2750
±3%
2758
2758
2758
3.80
100
1
NCP03YS101J05RL
100
±5%
2750
±3%
2758
2758
2758
3.10
100
1
NCP03XM102p05RL
1.0k
3500
±1%
3539
3545
3560
1.00
100
1
NCP03XM152p05RL
1.5k
3500
±1%
3539
3545
3560
0.81
100
1
NCP03XM222p05RL
2.2k
3500
±1%
3539
3545
3560
0.67
100
1
NCP03XM332p05RL
3.3k
3500
±1%
3539
3545
3560
0.55
100
1
NCP03XM472p05RL
4.7k
3500
±1%
3539
3545
3560
0.46
100
1
NCP03XH682p05RL
6.8k
3380
±1%
3428
3434
3455
0.38
100
1
NCP03XH103F25RL
10k
±1%
3380
±0.8%
3428
3434
3455
0.31
100
1
NCP03XH103F05RL
10k
±1%
3380
±1%
3428
3434
3455
0.31
100
1
NCP03XH103p05RL
10k
3380
±1%
3428
3434
3455
0.31
100
1
NCP03XV103p05RL
10k
3900
±1%
3930
3934
3944
0.31
100
1
NCP03XH153p05RL
15k
3380
±1%
3428
3434
3455
0.25
100
1
NCP03XH223p05RL
22k
3380
±1%
3428
3434
3455
0.21
100
1
NCP03WF333p05RL
33k
4250
±1%
4303
4311
4334
0.17
100
1
NCP03WB473p05RL
47k
4050
±3%
4101
4108
4131
0.14
100
1
NCP03WL473p05RL
47k
4485
±1%
4537
4543
4557
0.14
100
1
NCP03WF683p05RL
68k
4250
±1%
4303
4311
4334
0.12
100
1
NCP03WL683p05RL
68k
4485
±1%
4537
4543
4557
0.12
100
1
NCP03WF104F05RL
100k
±1%
4250
±1%
4303
4311
4334
0.10
100
1
NCP03WF104p05RL
100k
4250
±1%
4303
4311
4334
0.10
100
1
NCP03WL104p05RL
100k
4485
±1%
4537
4543
4557
0.10
100
1
NCP03WL154p05RL
150k
4485
±1%
4537
4543
4557
0.08
100
1
NCP03WL224p05RL
220k
4485
±1%
4537
4543
4557
0.06
100
1
p is filled with resistance tolerance codes (E:
±3%, J: ±5%).
Rated Electric Power shows the required electric power that causes Thermistor's temperature to rise to 125
°C by self heating, at ambient temperature of 25 °C.
Operating Temperature Range: -40
°C to +125°C
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
R44E.pdf
Feb.21,2011


Similar Part No. - NCP15XH103F03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
logo
ON Semiconductor
NCP15XH103F03RC ONSEMI-NCP15XH103F03RC Datasheet
521Kb / 13P
   500 mA USB Compatible Single Cell Li-Lon Linear Charger with ?쏱ower Back??Capability
November, 2019 ??Rev. 0
More results

Similar Description - NCP15XH103F03RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
NCP15WL223E03RC MURATA-NCP15WL223E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15WL683E03RC MURATA-NCP15WL683E03RC Datasheet
205Kb / 3P
   NTC Thermistors
NCP15XH103F03RC MURATA-NCP15XH103F03RC Datasheet
208Kb / 3P
   NTC Thermistors
NCP15XM472E03RC MURATA-NCP15XM472E03RC Datasheet
211Kb / 3P
   NTC Thermistors
NCP15XV103J03RC MURATA-NCP15XV103J03RC Datasheet
207Kb / 3P
   NTC Thermistors
NCP18WB333J03RB MURATA-NCP18WB333J03RB Datasheet
208Kb / 3P
   NTC Thermistors
NCP18WB473E03RB MURATA-NCP18WB473E03RB Datasheet
208Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com