Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVF2955P Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVF2955P
Description  Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVF2955P Datasheet(HTML) 2 Page - ON Semiconductor

  NVF2955P Datasheet HTML 1Page - ON Semiconductor NVF2955P Datasheet HTML 2Page - ON Semiconductor NVF2955P Datasheet HTML 3Page - ON Semiconductor NVF2955P Datasheet HTML 4Page - ON Semiconductor NVF2955P Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NTF2955, NVF2955, NVF2955P
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise stated)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = −250 mA
−60
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/TJ
66.4
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = −60 V
TJ = 25°C
−1.0
mA
TJ = 125°C
−50
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = ±20 V
±100
nA
ON CHARACTERISTICS (Note 3)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = −1.0 mA
−2.0
−4.0
V
Drain−to−Source On Resistance
RDS(on)
VGS = −10 V, ID = −0.75 A
145
170
mW
VGS = −10 V, ID = −1.5 A
150
180
VGS = −10 V, ID = −2.4 A
154
185
Forward Transconductance
gFS
VGS = −15 V, ID = −0.75 A
1.77
S
CHARGES AND CAPACITANCES
Input Capacitance
CISS
VGS = 0 V, f = 1.0 MHz,
VDS = 25 V
492
pF
Output Capacitance
COSS
165
Reverse Transfer Capacitance
CRSS
50
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 30 V,
ID = 1.5 A
14.3
nC
Threshold Gate Charge
QG(TH)
1.2
Gate−to−Source Charge
QGS
2.3
Gate−to−Drain Charge
QGD
5.2
SWITCHING CHARACTERISTICS (Note 4)
Turn−On Delay Time
td(ON)
VGS = 10 V, VDD = 25 V,
ID = 1.5 A, RG = 9.1 W
RL = 25 W
11
ns
Rise Time
tr
7.6
Turn−Off Delay Time
td(OFF)
65
Fall Time
tf
38
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 1.5 A
TJ = 25°C
−1.10
−1.30
V
TJ = 125°C
−0.9
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 1.5 A
36
ns
Charge Time
ta
20
Discharge Time
tb
16
Reverse Recovery Charge
QRR
0.139
nC
3. Pulse Test: pulse width ≤ 300ms, duty cycle ≤ 2%.
4. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVF2955P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVF2955T1G ONSEMI-NVF2955T1G Datasheet
118Kb / 6P
   Power MOSFET
February, 2014 ??Rev. 7
More results

Similar Description - NVF2955P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
   ??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
   Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
   Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
   Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
   Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NTK3139P ONSEMI-NTK3139P Datasheet
59Kb / 5P
   Power MOSFET ??0 V, ??80 mA, Single P?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
   ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
   Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
   Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com