Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-10BQ040TRPBF Datasheet(PDF) 6 Page - Vishay Siliconix

Part # VS-10BQ040TRPBF
Description  Schottky Rectifier, 1.0 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-10BQ040TRPBF Datasheet(HTML) 6 Page - Vishay Siliconix

  VS-10BQ040TRPBF Datasheet HTML 1Page - Vishay Siliconix VS-10BQ040TRPBF Datasheet HTML 2Page - Vishay Siliconix VS-10BQ040TRPBF Datasheet HTML 3Page - Vishay Siliconix VS-10BQ040TRPBF Datasheet HTML 4Page - Vishay Siliconix VS-10BQ040TRPBF Datasheet HTML 5Page - Vishay Siliconix VS-10BQ040TRPBF Datasheet HTML 6Page - Vishay Siliconix VS-10BQ040TRPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 95017
For technical questions concerning discrete products, contact: diodes-tech@vishay.com
www.vishay.com
Revision: 25-Jun-07
For technical questions concerning module products, contact: ind-modules@vishay.com
1
SMB
Outline Dimensions
Vishay High Power Products
DIMENSIONS in millimeters (inches)
3.80 (0.150)
3.30 (0.130)
4.70 (0.185)
4.10 (0.161)
2.15 (0.085)
1.80 (0.071)
2.40 (0.094)
1.90 (0.075)
1.30 (0.051)
0.76 (0.030)
0.30 (0.012)
0.15 (0.006)
5.60 (0.220)
5.00 (0.197)
4.0 (0.157)
2.0 TYP.
(0.079 TYP.)
2.5 TYP.
(0.098 TYP.)
Soldering pad
1
2
1
2
Polarity
Part Number
4.2 (0.165)


Similar Part No. - VS-10BQ040TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3 Datasheet
111Kb / 7P
   Schottky Rectifier
Revision: 29-May-12
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3 Datasheet
116Kb / 6P
   High Performance Schottky Rectifier, 1.0 A
01-Jan-2022
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_V01 Datasheet
116Kb / 6P
   High Performance Schottky Rectifier, 1.0 A
01-Jan-2022
VS-10BQ040HM3 VISHAY-VS-10BQ040HM3 Datasheet
142Kb / 7P
   High Performance Schottky Rectifier, 1.0 A
Revision: 17-Dec-14
More results

Similar Description - VS-10BQ040TRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-10BQ015PBF VISHAY-VS-10BQ015PBF Datasheet
116Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRS190TRPBF VISHAY-MBRS190TRPBF Datasheet
97Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 15-Aug-08
10BQ015PBF VISHAY-10BQ015PBF Datasheet
99Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Nov-08
10BQ040PBF VISHAY-10BQ040PBF Datasheet
95Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 16-Apr-08
MBRS140TRPBF VISHAY-MBRS140TRPBF Datasheet
92Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Apr-08
VS-MBRA120TRPBF VISHAY-VS-MBRA120TRPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
VS-10BQ040-M3 VISHAY-VS-10BQ040-M3_15 Datasheet
103Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
10BQ015M VISHAY-10BQ015M Datasheet
114Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 29-May-12
VS-1N5819 VISHAY-VS-1N5819 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 21-Sep-11
10BQ015PBF VISHAY-10BQ015PBF_10 Datasheet
117Kb / 7P
   Schottky Rectifier, 1.0 A
Revision: 15-Nov-10
MBRA120TRPBF VISHAY-MBRA120TRPBF_10 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.0 A
Revision: 04-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com