Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK68PCS-PGA Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK68PCS-PGA
Description  PGA Adapter Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK68PCS-PGA Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK68PCS-PGA Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 3Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 4Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 5Page - ACCUTEK MICROCIRCUIT CORPORATION AK68PCS-PGA Datasheet HTML 6Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DESCRIPTION
The Accutek family of PGA Adapter Modules are designed to permit
the soldering of surface mount PLCC, QFP, TQFP, PQFP devices
into a standard PGA through-hole PC board. These PGA Adapter
Modules are a pin compatible drop in replacement for end-of-life
PGA devices. Standard pin counts include 28, 32, 44, 52, 68, 84
and 100 pins. Can accommodate square and rectangular PLCCs
with 0.050” lead pitch and sizes from 0.600” to 1.500”. They also ac-
commodate Quad Flat Packs with 0,5mm and 0,65mm lead pitch.
They feature 0.018” diameter machined pins with integral standoffs.
Plating options are tin, solder or gold pins.
Accutek PGA Adapters were developed for users with motherboard
designs that require PGA’s, now obsoleted by manufacturers.
These adapter modules are designed for soldering directly into a
through-hole PC board and save costly motherboard redesigns.
Accutek PGA Adapter Modules are fully assembled and tested.
They can be manufactured turnkey or from customer supplied sur-
face mount chips.
Custom multi-chip and double sided configurations are also avail-
able for special functions.
Features
· Saves costly redesign of current motherboards
· Fully tested with life time limited warranty
· Standard pin counts include 28, 32, 44, 52, 68, 84 and 100
· Tin, solder or gold plated pins available
· 0.018” diameter machined PGA pins with integral standoffs,
custom sizes available
· IC assembly and testing available
· EPROM and Flash programming available
· Custom multi-chip and double-sided modules available
PGA Adapter Modules
ACCUTEK
MICROCIRCUIT CORPORATION
ACCUTEK
MICROCIRCUIT CORPORATION
5 NEW PASTURE ROAD
NEWBURYPORT, MA 01950-4040
PHONE: 978-465-6200
FAX: 978-462-3396
Email:
sales@accutekmicro.com
Internet: www.accutekmicro.com
Accutek reserves the right to make changes in specifications at any
time and without notice. Accutek does not assume any responsibility
for the use of any circuitry described; no circuit patent licenses are im-
plied. Preliminary data sheets contain minimum and maximum limits
based upon design objectives, which are subject to change upon full
characterization over the specific operating conditions.


Similar Part No. - AK68PCS-PGA

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK681024D ACCUTEK-AK681024D Datasheet
113Kb / 2P
   262,144 X 8 Bit MOS Dynamic Random Access Memory
AK681024D ACCUTEK-AK681024D Datasheet
89Kb / 2P
   16,384 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK681024D ACCUTEK-AK681024D Datasheet
82Kb / 2P
   32,768 x 32 Bit CMOS/BiCMOS Static Random Access Memory
AK681024D ACCUTEK-AK681024D Datasheet
89Kb / 2P
   32,768 x 32 Bit CMOS / BiCMOS Static Random Access Memory
AK681024D ACCUTEK-AK681024D Datasheet
86Kb / 2P
   65,536 x 32 Bit CMOS/BiCMOS Static Random Access Memory
More results

Similar Description - AK68PCS-PGA

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK28PCS-PGA ACCUTEK-AK28PCS-PGA_12 Datasheet
166Kb / 3P
   PGA Adapter Modules
logo
Aries Electronics, Inc.
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
   QFP-to-PGA Adapter
96-160M65 ARIES-96-160M65 Datasheet
389Kb / 1P
   QFP-to-PGA Adapter
1110087 ARIES-1110087 Datasheet
855Kb / 1P
   144-Pin VQFP-to-PGA Adapter
97-68340 ARIES-97-68340 Datasheet
534Kb / 1P
   144-Pin QFP-to-PGA Adapter
95-132I25 ARIES-95-132I25 Datasheet
880Kb / 1P
   QFP-to-PGA Adapter 0.025 [0.64] Pitch
logo
ACCUTEK MICROCIRCUIT CO...
AK14Z-N ACCUTEK-AK14Z-N_09 Datasheet
232Kb / 5P
   ZIP Adapter Modules
AK54256Z ACCUTEK-AK54256Z_09 Datasheet
81Kb / 2P
   DRAM Zip Adapter Modules
logo
Aries Electronics, Inc.
28-505-110 ARIES-28-505-110 Datasheet
626Kb / 1P
   PLCC-to-PGA JEDEC Type 0.050 [1.27] Pitch Adapter
18040 ARIES-18040 Datasheet
924Kb / 1P
   P/N 1110087 144-Pin VQFP-to-PGA Adapter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com