Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V12MLA0805LN Datasheet(PDF) 3 Page - Littelfuse

Part # V12MLA0805LN
Description  Varistor Products Surface Mount Multilayer Varistors (MLVs) > ML Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V12MLA0805LN Datasheet(HTML) 3 Page - Littelfuse

  V12MLA0805LN Datasheet HTML 1Page - Littelfuse V12MLA0805LN Datasheet HTML 2Page - Littelfuse V12MLA0805LN Datasheet HTML 3Page - Littelfuse V12MLA0805LN Datasheet HTML 4Page - Littelfuse V12MLA0805LN Datasheet HTML 5Page - Littelfuse V12MLA0805LN Datasheet HTML 6Page - Littelfuse V12MLA0805LN Datasheet HTML 7Page - Littelfuse V12MLA0805LN Datasheet HTML 8Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
39
Varistor Products
©2009 Littelfuse, Inc.
Revision: January 15, 2010
ML Varistor Series
Surface Mount Multilayer Varistors (MLVs) > ML Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/ML.html for current information.
Peak Current and Energy Derating Curve
When transients occur in rapid succession, the average
power dissipation is the energy (watt-seconds) per pulse
times the number of pulses per second. The power so
developed must be within the specifications shown
on the Device Ratings and Specifications Table for the
specific device. For applications exceeding 125°C ambient
temperature, the peak surge current and energy ratings
must be derated as shown below.
100
80
60
40
20
0
-55
50
60
70
80
90
100
110
120
130 140 150
AMBIENTTEMPERATURE ( oC)
T1
T2
100
50
0
O1
TIME
T
Peak Pulse Current Test Waveform for Clamping Voltage
Limit V-I Characteristic for V9MLA0402L
Limit V-I Characteristic for V5.5MLA0402 to V18MLA0402
Limit V-I Characteristic for V3.5MLA0603 to V30MLA0603
1
10
100
1μA
10μA
100μA
1mA
10mA
1A
10A
100A
V9MLA0402L
V5.5MLA0402L
Current (A)
Limit V-I Characteristic for V3.5MLA0805L to V30MLA0805L
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
V5.5MLA0805L
V3.5MLA0805L
V9MLA0805L
V12MLA0805L
V14MLA0805L
V18MLA0805L
V26MLA0805L
V30MLA0805L
Current (A)
1
10
100
1000
10μA
100μA
1mA
10mA
100mA
1A
10A
100A
V30MLA0603
V26MLA0603
V18MLA0603
V14MLA0603
V9MLA0603, V9MLA0603L
V5.5MLA0603, V5.5MLA0603L
V3.5MLA0603
Current (A)
1
10
100
1μA
10μA
100μA
1mA
10mA
1A
10A
100A
Current (A)
V18MLA0402
V14MLA0402
V9MLA0402
V5.5MLA0402
0
1 = Virtual Origin of Wave
T = Time from 10% to 90% of Peak
T
1 = Rise Time = 1.25 x T
T
2 = Decay Time
Example - For an 8/20
μs Current Waveform:
8
μs = T
1 = Rise Time
20
μs = T
2 = Decay Time
Figure 1
Figure 2
Figure 3
Figure 4
Figure 5
Figure 6


Similar Part No. - V12MLA0805LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
265Kb / 8P
   Surface Mount Multilayer Varistors
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) MLA Series
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
678Kb / 8P
   Surface Mount Multilayer Varistors (MLVs)
V12MLA0805LN LITTELFUSE-V12MLA0805LN Datasheet
969Kb / 8P
   Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results

Similar Description - V12MLA0805LN

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V14MLA0805NH LITTELFUSE-V14MLA0805NH Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1206H LITTELFUSE-V18MLA1206H Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V26MLA1206H LITTELFUSE-V26MLA1206H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA0805H LITTELFUSE-V18MLA0805H Datasheet
875Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V5-5MLA0603NH LITTELFUSE-V5-5MLA0603NH Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V0603MHS03NH LITTELFUSE-V0603MHS03NH Datasheet
836Kb / 5P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MHS Series
V9MLN41206WH LITTELFUSE-V9MLN41206WH Datasheet
587Kb / 6P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLN Series
V14MLA0603NR LITTELFUSE-V14MLA0603NR Datasheet
380Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V55MLA0402LNR LITTELFUSE-V55MLA0402LNR Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
V18MLA1210NT LITTELFUSE-V18MLA1210NT Datasheet
969Kb / 8P
   Varistor Products Surface Mount Multilayer Varistors (MLVs) > MLA Series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com