Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-10G4-1AR6-T Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # V-10G4-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-10G4-1AR6-T Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button V-10G4-1AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-10G4-1AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-10G4-1AR6-T Datasheet HTML 10Page - Omron Electronics LLC V-10G4-1AR6-T Datasheet HTML 11Page - Omron Electronics LLC V-10G4-1AR6-T Datasheet HTML 12Page - Omron Electronics LLC V-10G4-1AR6-T Datasheet HTML 13Page - Omron Electronics LLC V-10G4-1AR6-T Datasheet HTML 14Page - Omron Electronics LLC V-10G4-1AR6-T Datasheet HTML 15Page - Omron Electronics LLC V-10G4-1AR6-T Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
V
V
123
Thermosetting Case (V-15/-10 Models)
The following illustration and drawing are for solder and quick-connect terminals (#187) (terminals A). V models with a switching current of 15 A
or 10 A incorporate terminals B or C2. These models are different from #187 models in terminal size only.
Refer to Terminals on page 119 for these terminals.
Model
V-15-1
j5
V-10-1
j5
V-10-1
j4
OF max.
1.96 N {200 gf}
0.98 N {100 gf}
RF min.
{g }
0.49 N {50 gf}
{g }
0.20 N {20 gf}
PT max.
1.2 mm
OT min.
1.0 mm
MD max.
0.4 mm
OP
14.7
±0.4 mm
Model
V-151-1
j5
V-101-1
j5
V-101-1
j4
OF max.
1.96 N {200 gf}
0.98 N {100 gf}
RF min.
{g }
0.49 N {50 gf}
{g }
0.15 N {15 gf}
PT max.
1.6 mm
OT min.
0.8 mm
MD max.
0.6 mm
OP
15.2
±0.5 mm
Model
V-152-1
j5
V-102-1
j5
V-102-1
j4
OF max.
1.23 N {125 gf}
0.59 N {60 gf}
RF min.
{g }
0.14 N {14 gf}
{g }
0.06 N {6 gf}
PT max.
4.0 mm
OT min.
1.6 mm
MD max.
1.5 mm
OP
15.2
±1.2 mm
Model
V-153-1
j5
V-103-1
j5
V-101-1
j4
OF max.
0.69 N {70 gf}
0.34 N {35 gf}
RF min.
{g }
0.06 N {6 gf}
{g }
---
PT max.
9.0 mm
9.0 mm
OT min.
2.0 mm
3.2 mm
MD max.
2.8 mm
2.8 mm
OP
15.2
mm
+2.6
–3.2
15.2
±2.6 mm
Pin Plunger Models
V-15-1
j5
V-10-1
j5
V-10-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.5
Three, solder
terminals
20.2
±0.25
2.8
2.8
10.3
±0.1
PT
OP
22.2
±0.1
2.8
27.8
(10)
37.8
±0.8
15.9 18.8
4.2
2.8
10.3
A
Short Hinge Lever Models
V-151-1
j5
V-101-1
j5
V-101-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5 (see note)
t=0.5
Three, solder terminals
22.1
8.1
PT
2.8
22.2
±0.1
2.8
27.8
(10)
37.8
±0.8
15.9
18.8
4.3 2.8
10.3
OP
10.3
±0.1
Note:
Stainless-steel lever
A
Hinge Lever Models
V-152-1
j5
V-102-1
j5
V-102-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5 (see note)
t=0.5
Three, solder terminals
35.6
±0.8
8.1
PT
OP
2.8
10.3
±0.1
22.2
±0.1
2.8
27.8
(10)
37.8
±0.8
15.9
18.8
4.3
2.8
10.3
Note:
Stainless-steel lever
A
Long Hinge Lever Models
V-153-1
j5
V-103-1
j5
V-103-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t = 0.5 (see note)
t=0.5
Three, solder terminals
22.2
±0.1
27.8
2.8
(10)
15.9 18.8
10.3
±0.1
OP
PT
8.1
4.3
2.8
10.3
37.8
±0.8
59.4
±0.8
2.8
Note:
Stainless-steel lever
A


Similar Part No. - V-10G4-1AR6-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-10G4-1A4-K OMRON-V-10G4-1A4-K Datasheet
1Mb / 16P
   Snap Action Switch
V-10G4-1A5-K OMRON-V-10G4-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-10G4-1AR6-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com