Selected language     English  ā–¼


V-10G4-1AR6-T Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. V-10G4-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 2 page
background image
V
V
111
Available Combinations
Terminal
Thermoplastic case
Thermosetting case
Terminal
Model
V-21
V-16
V-11
V-15
V-10
Rated current
21 A
16 A
11 A
15 A
10 A
COM
terminal
position
Insulation
barrier
Heat
resistance
OF
Terminal symbol
3.92 N
{400 gf}
3.92 N
{400 gf}
1.96 N
{200 gf}
0.98 N
{100 gf}
3.92 N
{400 gf}
1.96 N
{200 gf}
1.96 N
{200 gf}
0.98 N
{100 gf}
Bottom
No
Standard
(80
_C)
Solder terminals (A)
---
f
F
F
f
F
F
F
Bottom
No
Standard
(80
_C)
Quick-connect terminals
(#187) (C2)
---
f
F
F
f
F
F
F
Quick-connect terminals
(#250) (C)
F
f
F
F
f
f
f
f
Screw terminals (B)
---
---
---
f
(1.96 N)
f
F
F
F
Heat
it
t
Solder terminals (A)
---
---
---
---
f
F
F
F
Heat
resistant
(150
_C)
Quick-connect terminals
(#187) (C2)
---
---
---
---
f
f
f
f
Quick-connect terminals
(#250) (C)
---
---
---
---
---
---
---
---
Screw terminals (B)
---
---
---
---
---
---
---
---
Yes
Standard
(80
_C)
Solder terminals (A)
---
f
F
---
---
---
---
---
Yes
Standard
(80
_C)
Quick-connect terminals
(#187) (C2)
---
f
F
---
---
---
---
---
Quick-connect terminals
(#250) (C)
F
f
F
---
---
---
---
---
Side
No
Standard
(80
_C)
Solder terminals (A)
---
---
---
---
f
F
F
F
Side
No
Standard
(80
_C)
Quick-connect terminals
(#187) (C2)
---
---
---
---
f
f
f
f
Quick-connect terminals
(#250) (C)
f
---
---
---
---
---
---
---
Note:
1.
F: Standard
f: Semi-standard
2. Consult your OMRON sales representative for spacific models with standard approvals.
List of Models
General-purpose Models
(Only combinations with standard terminals are shown.)
Thermoplastic Case
Actuator
COM
ti
l
Contact
f
Terminals
(t )
21 A (OF: 3.92 N {400 gf})
terminal
position
form
(see note)
Without barrier
Right-hand barrier
Left-hand barrier
Pin plunger
Bottom
SPDT
C
V-21-1C6
V-21-1CR6
V-21-1CL6
SPST-NC
V-21-2C6
V-21-2CR6
V-21-2CL6
SPST-NO
V-21-3C6
V-21-3CR6
V-21-3CL6
Short hinge lever
SPDT
V-211-1C6
V-211-1CR6
V-211-1CL6
Hinge lever
V-212-1C6
V-212-1CR6
V-212-1CL6
Long hinge lever
V-213-1C6
V-213-1CR6
V-213-1CL6
Simulated roller lever
V-214-1C6
V-214-1CR6
V-214-1CL6
Short hinge
roller lever
V-215-1C6
V-215-1CR6
V-215-1CL6
Hinge roller lever
V-216-1C6
V-216-1CR6
V-216-1CL6
Note:
C:
Quick-connect terminals (#250)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl