Selected language     English  ā–¼


V-10G4-1AR6-T Datasheet(PDF) 3 Page - Omron Electronics LLC

Part No. V-10G4-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 3 page
background image
V
V
112
Actuator
COM
ti
l
Contact
f
Terminals
(t )
16 A (OF: 1.96 N {200 gf})
terminal
position
form
(see note)
Without barrier
Right-hand barrier
Left-hand barrier
Pin plunger
Bottom
SPDT
A
V-16-1A5
V-16-1AR5
V-16-1AL5
C2
V-16-1C25
V-16-1C2R5
V-16-1C2L5
C
V-16-1C5
---
---
SPST-NC
A
V-16-2A5
V-16-2AR5
V-16-2AL5
C2
V-16-2C25
V-16-2C2R5
V-16-2C2L5
C
V-16-2C5
---
---
SPST-NO
A
V-16-3A5
V-16-3AR5
V-16-3AL5
C2
V-16-3C25
V-16-3C2R5
V-16-3C2L5
C
V-16-3C5
---
---
Short hinge lever
SPDT
A
V-161-1A5
V-161-1AR5
V-161-1AL5
g
C2
V-161-1C25
V-161-1C2R5
V-161-1C2L5
C
V-161-1C5
---
---
Hinge lever
A
V-162-1A5
V-162-1AR5
V-162-1AL5
g
C2
V-162-1C25
V-162-1C2R5
V-162-1C2L5
C
V-162-1C5
---
---
Long hinge lever
A
V-163-1A5
V-163-1AR5
V-163-1AL5
C2
V-163-1C25
V-163-1C2R5
V-163-1C2L5
C
V-163-1C5
---
---
Simulated roller lever
A
V-164-1A5
V-164-1AR5
V-164-1AL5
C2
V-164-1C25
V-164-1C2R5
V-164-1C2L5
C
V-164-1C5
---
---
Short hinge
roller lever
A
V-165-1A5
V-165-1AR5
V-165-1AL5
g
roller lever
C2
V-165-1C25
V-165-1C2R5
V-165-1C2L5
C
V-165-1C5
---
---
Hinge roller lever
A
V-166-1A5
V-166-1AR5
V-166-1AL5
C2
V-166-1C25
V-166-1C2R5
V-166-1C2L5
C
V-166-1C5
---
---
Note:
A:
Solder terminals
C2: Quick-connect terminals (#187)
C:
Quick-connect terminals (#250)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl