Electronic Components Datasheet Search
Selected language     English  ā–¼


V-10G4-1AR6-T Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. V-10G4-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 4 page
background image
V
V
113
Actuator
COM terminal
iti
Contact form
Terminals (see note)
11 A (OF: 0.98 N {100 gf}
position
()
Without barrier
Pin plunger
Bottom
SPDT
A
V-11-1A4
C2
V-11-1C24
C
V-11-1C4
Short hinge lever
A
V-111-1A4
g
C2
V-111-1C24
C
V-111-1C4
Hinge lever
A
V-112-1A4
g
C2
V-112-1C24
C
V-112-1C4
Long hinge lever
A
V-113-1A4
C2
V-113-1C24
C
V-113-1C4
Simulated roller lever
A
V-114-1A4
C2
V-114-1C24
C
V-114-1C4
Short hinge roller lever
A
V-115-1A4
g
C2
V-115-1C24
C
V-115-1C4
Hinge roller lever
A
V-116-1A4
g
C2
V-116-1C24
C
V-116-1C4
Note:
A:
Solder terminals
C2: Quick-connect terminals (#187)
C:
Quick-connect terminals (#250)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl