Selected language     English  â–¼


V-10G4-1AR6-T Datasheet(PDF) 5 Page - Omron Electronics LLC

Part No. V-10G4-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 5 page
background image
V
V
114
Thermosetting Case
Actuator
COM
terminal
Contact
form
Terminals
(see note
15 A
10 A
terminal
position
form
(see note
1)
OF: 1.96 N {200 gf}
OF: 1.96 N {200 gf}
OF: 0.98 N {100 gf}
Pin plunger
Bottom
SPDT
A
V-15-1A5
V-10-1A5
V-10-1A4
C2
V-15-1C25
V-10-1C25
V-10-1C24
B
V-15-1B5
V-10-1B5
V-10-1B4
SPST-NC
A
V-15-2A5
V-10-2A5
V-10-2A4
C2
V-15-2C25
V-10-2C25
V-10-2C24
B
V-15-2B5
V-10-2B5
V-10-2B4
SPST-NO
A
V-15-3A5
V-10-3A5
V-10-3A4
C2
V-15-3C25
V-10-3C25
V-10-3C24
B
V-15-3B5
V-10-3B5
V-10-3B4
Side
SPDT
A
V-15-4A5
V-10-4A5
V-10-4A4
SPST-NC
V-15-5A5
V-10-5A5
V-10-5A4
SPST-NO
V-15-6A5
V-10-6A5
V-10-6A4
Short hinge lever
Bottom
SPDT
A
V-151-1A5
V-101-1A5
V-101-1A4
g
C2
V-151-1C25
V-101-1C25
V-101-1C24
B
V-151-1B5
V-101-1B5
V-101-1B4
Hinge lever
A
V-152-1A5
V-102-1A5
V-102-1A4
g
C2
V-152-1C25
V-102-1C25
V-102-1C24
B
V-152-1B5
V-102-1B5
V-102-1B4
Long hinge lever
A
V-153-1A5
V-103-1A5
V-103-1A4
C2
V-153-1C25
V-103-1C25
V-103-1C24
B
V-153-1B5
V-103-1B5
V-103-1B4
Simulated roller lever
A
V-154-1A5
V-104-1A5
V-104-1A4
C2
V-154-1C25
V-104-1C25
V-104-1C24
B
V-154-1B5
V-104-1B5
V-104-1B4
Short hinge
roller lever
A
V-155-1A5
V-105-1A5
V-105-1A4
roller lever
C2
V-155-1C25
V-105-1C25
V-105-1C24
B
V-155-1B5
V-105-1B5
V-105-1B4
Hinge roller lever
A
V-156-1A5
V-106-1A5
V-106-1A4
C2
V-156-1C25
V-106-1C25
V-106-1C24
B
V-156-1B5
V-106-1B5
V-106-1B4
Note:
1. A:
Solder terminals
C2: Quick-connect terminals (#187)
B:
Screw terminals
2. OF values shown in the table are for the pin plunger models.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl