Selected language     English  ▼


V-10G4-1AR6-T Datasheet(PDF) 6 Page - Omron Electronics LLC

Part No. V-10G4-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 6 page
background image
V
V
115
Heat Resistant Models (Up to 150
°C)
Actuator
COM
terminal
Contact form
Terminals
15 A
10 A
terminal
position
OF: 1.96 N {200 gf}
OF: 0.98 N {100 gf}
Pin plunger
Bottom
SPDT
Solder termi-
l (A)
V-15-1A5-T
V-10-1A4-T
Short hinge lever
nals (A)
V-151-1A5-T
V-101-1A4-T
Hinge lever
V-152-1A5-T
V-102-1A4-T
Long hinge lever
V-153-1A5-T
V-103-1A4-T
Simulated roller lever
V-154-1A5-T
V-104-1A4-T
Short hinge roller lever
V-155-1A5-T
V-105-1A4-T
Hinge roller lever
V-156-1A5-T
V-106-1A4-T
Barrier (V-21 and V-16 Models Only)
Right-hand Barrier
Left-hand Barrier
Specifications
Ratings
Item
Resistive load
Model
Rated voltage
V-21
250 VAC
21 A
125 VDC
250 VDC
0.6 A
0.3 A
V-16
250 VAC
16 A
125 VDC
250 VDC
0.6 A
0.3 A
V-15
250 VAC
15 A
125 VDC
250 VDC
0.6 A
0.3 A
V-11
250 VAC
11 A
125 VDC
250 VDC
0.6 A
0.3 A
V-10
250 VAC
10 A
125 VDC
250 VDC
0.6 A
0.3 A
Note:
The ratings values apply under the following test conditions:
Ambient temperature: 20
±2°C
Ambient humidity: 65
±5%
Operating frequency: 30 operations/min




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl