Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-15G5-1AR6-T Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # V-15G5-1AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-15G5-1AR6-T Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button V-15G5-1AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 9Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 10Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 11Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 12Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 13Page - Omron Electronics LLC V-15G5-1AR6-T Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
V
V
119
Dimensions
Terminals
Note:
1. All units are in millimeters unless otherwise indicated.
2. The following is for the SPDT contact specifications. Two terminals will be available for SPST-NO or SPST-NC contact specifica-
tions. For terminal positions, refer to Contact Form on page 118.
3. Right-angle PCB terminal type is available
D5 type: Pins at right angles, to the right.
D6 type: Pins at right angles, to the left.
Drawings will be provided if requested.
Terminal
type
Solder terminals (A)
Quick-connect
Terminals (#187) (C2)
Quick-connect
Terminals (#250) (C)
Screw Terminals (B)
COM
bottom
position
t = 0.5
Three, solder terminals
(10)
2.9
(6.5)
(5.5)
t = 0.5
Three, quick-connect
terminals (#187)
(10)
2.9
(6.5)
(5.5)
t = 0.8
Three, quick-connect
terminals (#250)
(12.0)
3.2
(7.7)
(4.9)
t = 0.8
Three, #M3
0.5
3.2
Phillips screw washer
3.1
(7)
COM side
position
(10)
2.4
(6.5)
(5.5)
(10)
2.4
(6.5)
(5.5)
(12.0)
3.6
(7.7)
(4.9)
---
Terminal
dimensions
1.6 dia.
2.4 dia.
4.75
±0.1
6.35
3.2 (see note)
Note:
Indicates the length to the
center of the 1.6-dia. holes
1.6-dia. terminal hole
4.75
±0.1
3.2
6.35
1.65-dia. terminal hole
6.35
±0.1
3.95
8.1
---
Mounting Holes
Two, 3.1-dia. mounting holes or
M3 screw holes
10.3
± 0.1
22.2
± 0.1


Similar Part No. - V-15G5-1AR6-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   General Purpose Snap Action Switch
V-15G5-1A5-K OMRON-V-15G5-1A5-K Datasheet
1Mb / 16P
   Snap Action Switch
More results

Similar Description - V-15G5-1AR6-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com