Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AK536512W Datasheet(PDF) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

Part # AK536512W
Description  Dynamic Random Access Memory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCUTEK [ACCUTEK MICROCIRCUIT CORPORATION]
Direct Link  
Logo ACCUTEK - ACCUTEK MICROCIRCUIT CORPORATION

AK536512W Datasheet(HTML) 1 Page - ACCUTEK MICROCIRCUIT CORPORATION

  AK536512W Datasheet HTML 1Page - ACCUTEK MICROCIRCUIT CORPORATION AK536512W Datasheet HTML 2Page - ACCUTEK MICROCIRCUIT CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
The Accutek AK536512W high density memory module is a CMOS
dynamic RAM organized in 512K x 36 bit words. The module con-
sists of sixteen standard 256K x 4 DRAMs in plastic SOJ packages
and eight 256K x 1 DRAMs in PLCC packages. The assembly has
12 drams mounted on each side of a printed circuit board in a 72 pad
leadless SIM configuration.
This configuration allows socket-mounting of large quantities of
memory in applications where high density and ease of inserting ad-
ditional memory are important.
The operation of the AK536512 is identical to sixteen 256K x 4 plus
eight 256K x 1 DRAMs. There are four CAS lines and four RAS
lines. On each bank of 256K x 36, independent byte control is ac-
complished by four CAS lines. Each separate CAS line controls four
256K x 4 DRAMs and two 256K x 1 DRAMs with data in tied to data
out to form a 9 bit byte. Two banks of 36 bits are controlled by the
two pairs of RAS lines. An eighteen bit data path can be produced
by connecting DQ0 to DQ18,DQ1 to DQ19, etc. and alternately
strobing RAS0 with RAS1 and RAS2 with RAS3.
FEATURES
· 524,288 x 36 bit organization
· 72 pad Single In-Line Module
· Multiple CAS and RAS lines allow x18 or x36 bit widths
· CAS-before-RAS refresh
· Operating free air temperature 0
oCto70oC
· Single 5 Volt Power Supply
· Power
5.41 Watt Max Active (70nS)
4.75 Watt Max Active (80 nS)
4.09 Watt Max Active (100 nS)
132 mW Max Standby
· 512 Refresh Cycles, 8 mSEC
· Available in Fast Page Mode and Static Column Mode versions
· Downward compatible with AK536256W
· Upward compatible with AK5361024W, AK5362048W,
AK5364096W and AK5368192W
ACCUTEK
MICROCIRCUIT CORPORATION
AK536512W
524,288 Word by 36 Bit CMOS
Dynamic Random Access Memory
+
+
72
1
PIN NOMENCLATURE
DQ0 -DQ35
Data In/Data Out
A0 -A8
Address Inputs
CAS0 - CAS3
Column Address Strobe
RAS0 - RAS3
Row Address Strobe
WE
Write Enable
PD
Presence Detect
Vcc
5v Supply
Vss
Ground
NC
No Connect
MODULE OPTIONS
Leadless SIM: AK536512W
Leaded ZIP: AK536512Z
PIN ASSIGNMENT
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
PIN #
SYMBOL
1
Vss
19
NC
37
DQ17
55
DQ12
2
DQ0
20
DQ4
38
DQ35
56
DQ30
3
DQ18
21
DQ22
39
Vss
57
DQ13
4
DQ1
22
DQ5
40
CAS0
58
DQ31
5
DQ19
23
DQ23
41
CAS2
59
Vcc
6
DQ2
24
DQ6
42
CAS3
60
DQ32
7
DQ20
25
DQ24
43
CAS1
61
DQ14
8
DQ3
26
DQ7
44
RAS0
62
DQ33
9
DQ21
27
DQ25
45
RAS1
63
DQ15
10
Vcc
28
A7
46
NC
64
DQ34
11
NC
29
NC
47
WE
65
DQ16
12
A0
30
Vcc
48
NC
66
NC
13
A1
31
A8
49
DQ9
67
PD1
14
A2
32
NC
50
DQ27
68
PD2
15
A3
33
RAS3
51
DQ10
69
PD3
16
A4
34
RAS2
52
DQ28
70
PD4
17
A5
35
DQ26
53
DQ11
71
NC
18
A6
36
DQ8
54
DQ29
72
Vss
Presence Detect -
-60
-70
-80
PD1
NC
NC
NC
PD2
Vss
Vss
Vss
PD3
NC
Vss
NC
PD4
NC
NC
Vss


Similar Part No. - AK536512W

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK536512W ACCUTEK-AK536512W Datasheet
67Kb / 2P
   262,144 Word by 32 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
86Kb / 2P
   262,144 Word by 36 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
116Kb / 2P
   524,288 Word by 36 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
99Kb / 2P
   1,048,576 Word by 36 Bit CMOS Dynamic Random Access Memory
AK536512W ACCUTEK-AK536512W Datasheet
77Kb / 2P
   2,097,152 Word by 36 Bit CMOS Dynamic Random Access Memory
More results

Similar Description - AK536512W

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK594096BS ACCUTEK-AK594096BS_09 Datasheet
76Kb / 2P
   Dynamic Random Access Memory
AK5321024BW ACCUTEK-AK5321024BW_09 Datasheet
66Kb / 2P
   Dynamic Random Access Memory
AK49256S ACCUTEK-AK49256S_09 Datasheet
107Kb / 2P
   Dynamic Random Access Memory
AK5361024BW ACCUTEK-AK5361024BW_09 Datasheet
65Kb / 2P
   Dynamic Random Access Memory
AK581024AG ACCUTEK-AK581024AG_09 Datasheet
78Kb / 2P
   Dynamic Random Access Memory
AK5816384S ACCUTEK-AK5816384S_09 Datasheet
0Kb / 2P
   Dynamic Random Access Memory
AK532256AW ACCUTEK-AK532256AW_09 Datasheet
62Kb / 2P
   Dynamic Random Access Memory
AK532256W ACCUTEK-AK532256W_09 Datasheet
67Kb / 2P
   Dynamic Random Access Memory
AK5322048BW ACCUTEK-AK5322048BW_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
AK5324096W ACCUTEK-AK5324096W_09 Datasheet
72Kb / 2P
   Dynamic Random Access Memory
AK5362048BW ACCUTEK-AK5362048BW_09 Datasheet
83Kb / 2P
   Dynamic Random Access Memory
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com