Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WSR2R0100DEK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # WSR2R0100DEK
Description  Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSR2R0100DEK Datasheet(HTML) 2 Page - Vishay Siliconix

  WSR2R0100DEK Datasheet HTML 1Page - Vishay Siliconix WSR2R0100DEK Datasheet HTML 2Page - Vishay Siliconix WSR2R0100DEK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WSR
Power Metal Strip® Resistors,
Low Value (down to 0.001
Ω), Surface Mount
Vishay Dale
Document Number: 30101
For technical questions, contact: ww2bresistors@vishay.com
www.vishay.com
Revision: 01-Jul-09
31
DIMENSIONS
Note
• Embossed Carrier Tape per EIA-481-2
MODEL
DIMENSIONS in inches [millimeters]
LH
T
W
W1
WSR2
WSR3
0.455 ± 0.032
[11.56 ± 0.813]
0.095 ± 0.005
[2.41 ± 0.127]
0.100 ± 0.010
[2.54 ± 0.254]
0.275 ± 0.005
[6.98 ± 0.127]
0.215 ± 0.005
[5.46 ± 0.127]
MODEL
SOLDER PAD DIMENSIONS in inches [millimeters]
ab
l
WSR2
WSR3
0.155
[3.94]
0.230
[5.84]
0.205
[5.21]
W
L
T
W1
H
I
a
b
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
WSR2
WSR3
Thermal Shock
- 55 °C to + 150 °C, 1000 cycles, 15 min at each extreme
± (0.5 % + 0.0005
Ω) ΔR ± (0.5 % + 0.0005 Ω) ΔR
Short Time Overload
WSR2: 5 x rated power for 5 s
WSR3: 4 x rated power for 5 s
± (0.5 % + 0.0005
Ω) ΔR ± (2.0 % + 0.0005 Ω) ΔR
Low Temperature Storage
- 65 °C for 24 h
± (0.5 % + 0.0005
Ω) ΔR ± (0.5 % + 0.0005 Ω) ΔR
High Temperature
Exposure
1000 h at + 275 °C
± (1.0 % + 0.0005
Ω) ΔR ± (1.0 % + 0.0005 Ω) ΔR
Bias Humidity
+ 85 °C, 85 % RH, 10 % Bias, 1000 h
± (0.5 % + 0.0005
Ω) ΔR ± (0.5 % + 0.0005 Ω) ΔR
Mechanical Shock
100 g’s for 6 ms, 5 pulses
± (0.5 % + 0.0005
Ω) ΔR ± (0.5 % + 0.0005 Ω) ΔR
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h ± (0.5 % + 0.0005
Ω) ΔR ± (0.5 % + 0.0005 Ω) ΔR
Load Life
1000 h at rated power, + 70 °C, 1.5 h “ON”, 0.5 h “OFF”
± (1.0 % + 0.0005
Ω) ΔR ± (2.0 % + 0.0005 Ω) ΔR
Resistance to Solder
Heat
+ 260 °C Solder, 10 s to 12 s dwell, 25 mm/s emergence
± (0.5 % + 0.0005
Ω) ΔR ± (0.5 % + 0.0005 Ω) ΔR
Moisture Resistance
MIL-STD-202 Method 106, 0 % power, 7a and 7b not required ± (0.5 % + 0.0005
Ω) ΔR ± (0.5 % + 0.0005 Ω) ΔR
PACKAGING
MODEL
REEL
TAPE WIDTH
DIAMETER
PIECES/REEL
CODE
WSR2 and WSR3
24 mm/Embossed Plastic
330 mm/13"
1500
EA
Derating
- 65
- 25
25
75
125
175
225
275
Ambient Temperature °C
70
0
20
40
60
80
100
120


Similar Part No. - WSR2R0100DEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSR2R0100DEK VISHAY-WSR2R0100DEK Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSR2R0100DEK1 VISHAY-WSR2R0100DEK1 Datasheet
125Kb / 3P
   Power Metal Strip Resistors
Revision: 01-Jul-09
WSR2R0100DEK1 VISHAY-WSR2R0100DEK1 Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSR2R0100DEK2 VISHAY-WSR2R0100DEK2 Datasheet
125Kb / 3P
   Power Metal Strip Resistors
Revision: 01-Jul-09
WSR2R0100DEK2 VISHAY-WSR2R0100DEK2 Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
More results

Similar Description - WSR2R0100DEK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSL2512R0150FEA VISHAY-WSL2512R0150FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R4700FEA VISHAY-WSL2512R4700FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0500FEA VISHAY-WSL2512R0500FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL2512R0800FEA VISHAY-WSL2512R0800FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSR VISHAY-WSR_V01 Datasheet
107Kb / 4P
   Power Metal Strip® Resistors, Low Value (Down to 0.001 Ω), Surface Mount
01-Jan-2022
WSR VISHAY-WSR Datasheet
237Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 26-Mar-07
WSL2512R5000FEA VISHAY-WSL2512R5000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 12-Aug-09
WSL VISHAY-WSL Datasheet
119Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 10-Nov-08
WSR21R000FEA VISHAY-WSR21R000FEA Datasheet
125Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount
Revision: 01-Jul-09
WSL3637 VISHAY-WSL3637_15 Datasheet
88Kb / 3P
   Power Metal Strip® Resistors, Low Value (down to 0.001 Ω), Surface Mount, 4-Terminal
Revision: 10-Dec-10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com