Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TAJC106K016H Datasheet(PDF) 4 Page - AVX Corporation

Part # TAJC106K016H
Description  Standard Tantalum
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

TAJC106K016H Datasheet(HTML) 4 Page - AVX Corporation

  TAJC106K016H Datasheet HTML 1Page - AVX Corporation TAJC106K016H Datasheet HTML 2Page - AVX Corporation TAJC106K016H Datasheet HTML 3Page - AVX Corporation TAJC106K016H Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
8
TAJ Series
Standard Tantalum
RATINGS & PART NUMBER REFERENCE
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJA105*020#
A
1
20
0.5
4
9
TAJA155*020#
A
1.5
20
0.5
6
6.5
TAJA225*020#
A
2.2
20
0.5
6
5.3
TAJB225*020#
B
2.2
20
0.5
6
3.5
TAJA335*020#
A
3.3
20
0.7
6
4.5
TAJB335*020#
B
3.3
20
0.7
6
3
TAJA475*020#
A
4.7
20
0.9
6
4
TAJB475*020#
B
4.7
20
0.9
6
3
TAJA685*020#
A
6.8
20
1.4
6
2.5
TAJB685*020#
B
6.8
20
1.4
6
2.5
TAJC685*020#
C
6.8
20
1.4
6
2
TAJB106*020#
B
10
20
2
6
2.1
TAJC106*020#
C
10
20
2
6
1.2
TAJB156*020#
B
15
20
3
6
2
TAJC156*020#
C
15
20
3
6
1.7
TAJB226*020#
B
22
20
4.4
6
1.8
TAJC226*020#
C
22
20
4.4
6
1.6
TAJD226*020#
D
22
20
4.4
6
0.9
TAJC336*020#
C
33
20
6.6
6
1.5
TAJD336*020#
D
33
20
6.6
6
0.9
TAJC476*020#
C
47
20
9.4
6
0.9
TAJD476*020#
D
47
20
9.4
6
0.9
TAJE476*020#
E
47
20
9.4
6
0.9
TAJD686*020#
D
68
20
13.6
6
0.9
TAJE686*020#
E
68
20
13.6
6
0.9
TAJD107*020#
D
100
20
20
6
0.9
TAJE107*020#
E
100
20
20
6
0.4
TAJV107*020#
V
100
20
20
8
0.9
TAJE157*020#
E
150
20
30
8
0.3
TAJV157*020#
V
150
20
30
8
0.5
TAJA474*025#
A
0.47
25
0.5
4
14
TAJA684*025#
A
0.68
25
0.5
4
10
TAJA105*025#
A
1
25
0.5
4
8
TAJA155*025#
A
1.5
25
0.5
6
7.5
TAJB155*025#
B
1.5
25
0.5
6
5
TAJA225*025#
A
2.2
25
0.6
6
7
TAJB225*025#
B
2.2
25
0.6
6
4.5
TAJA335*025#
A
3.3
25
0.8
6
3.7
TAJB335*025#
B
3.3
25
0.8
6
3.5
TAJA475*025#
A
4.7
25
1.2
6
3.1
TAJB475*025#
B
4.7
25
1.2
6
2.8
TAJB685*025#
B
6.8
25
1.7
6
2.8
TAJC685*025#
C
6.8
25
1.7
6
2
TAJB106*025#
B
10
25
2.5
6
2.5
TAJC106*025#
C
10
25
2.5
6
1.8
TAJD106*025#
D
10
25
2.5
6
1.2
TAJC156*025#
C
15
25
3.8
6
1.6
TAJD156*025#
D
15
25
3.8
6
1
TAJC226*025#
C
22
25
5.5
6
1.4
TAJD226*025#
D
22
25
5.5
6
0.9
TAJD336*025#
D
33
25
8.3
6
0.9
TAJE336*025#
E
33
25
8.3
6
0.9
TAJD476*025#
D
47
25
11.8
6
0.9
TAJE476*025#
E
47
25
11.8
6
0.9
TAJE686*025#
E
68
25
17
6
0.9
TAJV686*025#
V
68
25
17
6
0.9
TAJV107*025#
V
100
25
25
8
0.4
TAJA104*035#
A
0.1
35
0.5
4
24
TAJA154*035#
A
0.15
35
0.5
4
21
TAJA224*035#
A
0.22
35
0.5
4
18
TAJA334*035#
A
0.33
35
0.5
4
15
TAJA474*035#
A
0.47
35
0.5
4
12
TAJB474*035#
B
0.47
35
0.5
4
10
Rated
DCL
DF
ESR
AVX
Case Capacitance
Voltage
(μA)
%
Max. (
Ω)
Part No.
Size
(μF)
(V)
Max.
Max.
@100kHz
TAJA684*035#
A
0.68
35
0.5
4
8
TAJB684*035#
B
0.68
35
0.5
4
8
TAJA105*035#
A
1
35
0.5
4
7.5
TAJB105*035#
B
1
35
0.5
4
6.5
TAJA155*035#
A
1.5
35
0.5
6
7.5
TAJB155*035#
B
1.5
35
0.5
6
5.2
TAJC155*035#
C
1.5
35
0.5
6
4.5
TAJA225*035#
A
2.2
35
0.8
6
4.5
TAJB225*035#
B
2.2
35
0.8
6
4.2
TAJC225*035#
C
2.2
35
0.8
6
3.5
TAJB335*035#
B
3.3
35
1.2
6
3.5
TAJC335*035#
C
3.3
35
1.2
6
2.5
TAJB475*035#
B
4.7
35
1.6
6
3.1
TAJC475*035#
C
4.7
35
1.6
6
2.2
TAJD475*035#
D
4.7
35
1.6
6
1.5
TAJC685*035#
C
6.8
35
2.4
6
1.8
TAJD685*035#
D
6.8
35
2.4
6
1.3
TAJC106*035#
C
10
35
3.5
6
1.6
TAJD106*035#
D
10
35
3.5
6
1
TAJE106*035#
E
10
35
3.5
6
0.9
TAJC156*035#
C
15
35
5.3
6
1.4
TAJD156*035#
D
15
35
5.3
6
0.9
TAJD226*035#
D
22
35
7.7
6
0.9
TAJE226*035#
E
22
35
7.7
6
0.5
TAJD336*035#
D
33
35
11.6
6
0.9
TAJE336*035#
E
33
35
11.6
6
0.5
TAJV336*035#
V
33
35
11.6
6
500
TAJE476*035#
E
47
35
16.5
6
0.9
TAJV476*035#
V
47
35
16.5
6
0.4
TAJV686M035#
V
68
35
23.8
6
0.5
TAJA104*050#
A
0.1
50
0.5
4
22
TAJA154*050#
A
0.15
50
0.5
4
15
TAJB154*050#
B
0.15
50
0.5
4
17
TAJA224*050#
A
0.22
50
0.5
4
18
TAJB224*050#
B
0.22
50
0.5
4
14
TAJB334*050#
B
0.33
50
0.5
4
12
TAJA474*050#
A
0.47
50
0.5
4
9.5
TAJB474*050#
B
0.47
50
0.7
4
9.5
TAJC474*050#
C
0.47
50
0.5
4
8
TAJA684*050#
A
0.68
50
0.5
4
7.9
TAJB684*050#
B
0.68
50
0.5
4
8
TAJC684*050#
C
0.68
50
0.5
4
7
TAJA105M050#
A
1
50
0.5
4
6.6
TAJB105*050#
B
1
50
0.5
6
7
TAJC105*050#
C
1
50
0.5
4
5.5
TAJC155*050#
C
1.5
50
0.8
6
4.5
TAJD155*050#
D
1.5
50
0.8
6
4
TAJC225*050#
C
2.2
50
1.1
6
3
TAJD225*050#
D
2.2
50
1.1
6
2.5
TAJC335*050#
C
3.3
50
1.7
6
2.5
TAJD335*050#
D
3.3
50
1.7
6
2
TAJC475*050#
C
4.7
50
0.5
4
1.4
TAJD475*050#
D
4.7
50
2.4
6
1.4
TAJC685*050#
C
6.8
50
3.4
6
1
TAJD685*050#
D
6.8
50
3.4
6
1
TAJD106*050#
D
10
50
5
6
0.8
TAJE106*050#
E
10
50
5
6
1
TAJV106*050#
V
10
50
5
6
0.65
TAJD156*050#
D
15
50
7.5
4
0.6
TAJE156*050#
E
15
50
7.5
6
0.6
TAJV156*050#
V
15
50
7.5
6
0.6
TAJV226*050#
V
22
50
11
8
0.6
All technical data relates to an ambient temperature of +25°C. Capacitance and DF are measured at 120Hz, 0.5V RMS with a maximum DC bias of 2.2 volts.
DCL is measured at rated voltage after 5 minutes.
* Insert K for ±10% and M for ±20%
# Standard Plating
– Insert R for 7" reel and S for 13" reel
# Tin Lead Plating
– Insert H for 7" reel and K for 13" reel
Capacitance Tolerance
# Gold Plating
– Insert A for 7" reel and B for 13" reel
NOTE: AVX reserves the right to supply a higher voltage rating or
tighter tolerance part in the same case size, to the same
reliability standards.


Similar Part No. - TAJC106K016H

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJC106K016HNJ AVX-TAJC106K016HNJ Datasheet
124Kb / 5P
   Standard Tantalum
TAJC106K016HNJ AVX-TAJC106K016HNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106K016HNJ AVX-TAJC106K016HNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106K016HNJ AVX-TAJC106K016HNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC106K016HNJV AVX-TAJC106K016HNJV Datasheet
140Kb / 8P
   TAJ Series Standard Tantalum
More results

Similar Description - TAJC106K016H

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
TAJB106M016R AVX-TAJB106M016R Datasheet
41Kb / 4P
   Standard Tantalum
TAJB106K025RNJ AVX-TAJB106K025RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJC335K050RNJ AVX-TAJC335K050RNJ Datasheet
140Kb / 8P
   Standard Tantalum
TAJE226K035RNJ AVX-TAJE226K035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD226M035RNJ AVX-TAJD226M035RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJB106K016RNJ AVX-TAJB106K016RNJ Datasheet
137Kb / 8P
   Standard Tantalum
TAJC336K016RNJ AVX-TAJC336K016RNJ Datasheet
118Kb / 5P
   Standard Tantalum
TAJD685M050RNJ AVX-TAJD685M050RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJD227K010RNJ AVX-TAJD227K010RNJ Datasheet
143Kb / 8P
   Standard Tantalum
TAJA475K020RNJ AVX-TAJA475K020RNJ Datasheet
117Kb / 5P
   Standard Tantalum
TAJA106K010RNJ AVX-TAJA106K010RNJ Datasheet
124Kb / 5P
   Standard Tantalum
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com