Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V-16G1-3AR6-T Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # V-16G1-3AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V-16G1-3AR6-T Datasheet(HTML) 3 Page - Omron Electronics LLC

  V-16G1-3AR6-T Datasheet HTML 1Page - Omron Electronics LLC V-16G1-3AR6-T Datasheet HTML 2Page - Omron Electronics LLC V-16G1-3AR6-T Datasheet HTML 3Page - Omron Electronics LLC V-16G1-3AR6-T Datasheet HTML 4Page - Omron Electronics LLC V-16G1-3AR6-T Datasheet HTML 5Page - Omron Electronics LLC V-16G1-3AR6-T Datasheet HTML 6Page - Omron Electronics LLC V-16G1-3AR6-T Datasheet HTML 7Page - Omron Electronics LLC V-16G1-3AR6-T Datasheet HTML 8Page - Omron Electronics LLC V-16G1-3AR6-T Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
V
V
112
Actuator
COM
ti
l
Contact
f
Terminals
(t )
16 A (OF: 1.96 N {200 gf})
terminal
position
form
(see note)
Without barrier
Right-hand barrier
Left-hand barrier
Pin plunger
Bottom
SPDT
A
V-16-1A5
V-16-1AR5
V-16-1AL5
C2
V-16-1C25
V-16-1C2R5
V-16-1C2L5
C
V-16-1C5
---
---
SPST-NC
A
V-16-2A5
V-16-2AR5
V-16-2AL5
C2
V-16-2C25
V-16-2C2R5
V-16-2C2L5
C
V-16-2C5
---
---
SPST-NO
A
V-16-3A5
V-16-3AR5
V-16-3AL5
C2
V-16-3C25
V-16-3C2R5
V-16-3C2L5
C
V-16-3C5
---
---
Short hinge lever
SPDT
A
V-161-1A5
V-161-1AR5
V-161-1AL5
g
C2
V-161-1C25
V-161-1C2R5
V-161-1C2L5
C
V-161-1C5
---
---
Hinge lever
A
V-162-1A5
V-162-1AR5
V-162-1AL5
g
C2
V-162-1C25
V-162-1C2R5
V-162-1C2L5
C
V-162-1C5
---
---
Long hinge lever
A
V-163-1A5
V-163-1AR5
V-163-1AL5
C2
V-163-1C25
V-163-1C2R5
V-163-1C2L5
C
V-163-1C5
---
---
Simulated roller lever
A
V-164-1A5
V-164-1AR5
V-164-1AL5
C2
V-164-1C25
V-164-1C2R5
V-164-1C2L5
C
V-164-1C5
---
---
Short hinge
roller lever
A
V-165-1A5
V-165-1AR5
V-165-1AL5
g
roller lever
C2
V-165-1C25
V-165-1C2R5
V-165-1C2L5
C
V-165-1C5
---
---
Hinge roller lever
A
V-166-1A5
V-166-1AR5
V-166-1AL5
C2
V-166-1C25
V-166-1C2R5
V-166-1C2L5
C
V-166-1C5
---
---
Note:
A:
Solder terminals
C2: Quick-connect terminals (#187)
C:
Quick-connect terminals (#250)


Similar Part No. - V-16G1-3AR6-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V-16G-1C25-L OMRON-V-16G-1C25-L Datasheet
449Kb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
V-16G-1C25-L OMRON-V-16G-1C25-L Datasheet
1Mb / 16P
   Miniature Basic Switch that Offers High Reliability and Security
More results

Similar Description - V-16G1-3AR6-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MV-3 ETC-MV-3 Datasheet
4Mb / 12P
   Miniature Basic Switch
V-102-1A4 ETC2-V-102-1A4 Datasheet
1Mb / 16P
   Miniature Basic Switch
logo
Omron Electronics LLC
D3V OMRON-D3V Datasheet
1Mb / 18P
   Miniature Basic Switch
D2MV OMRON-D2MV Datasheet
1Mb / 5P
   Miniature Basic Switch
logo
List of Unclassifed Man...
D2SW ETC-D2SW Datasheet
95Kb / 6P
   Watertight Miniature Basic Switch
logo
Honeywell Solid State E...
V5B210CB1C HONEYWELL-V5B210CB1C Datasheet
133Kb / 5P
   V5 Series Miniature Basic Switch
logo
Omron Electronics LLC
D2FC-F-7N OMRON-D2FC-F-7N Datasheet
316Kb / 6P
   Ultra Sub Miniature Basic Switch
logo
Honeywell Solid State E...
V7-SERIES HONEYWELL-V7-SERIES Datasheet
700Kb / 11P
   MICRO SWITCH Premium Miniature Basic Switches
V15S05 HONEYWELL-V15S05 Datasheet
1Mb / 13P
   MICRO SWITCH Standard Miniature Basic Switches
06/20
logo
List of Unclassifed Man...
11SM3-T ETC1-11SM3-T Datasheet
49Kb / 1P
   SWITCH BASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com