Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSE44H Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # KSE44H
Description  General Purpose Power Switching Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KSE44H Datasheet(HTML) 1 Page - Fairchild Semiconductor

  KSE44H Datasheet HTML 1Page - Fairchild Semiconductor KSE44H Datasheet HTML 2Page - Fairchild Semiconductor KSE44H Datasheet HTML 3Page - Fairchild Semiconductor KSE44H Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
©2001 Fairchild Semiconductor Corporation
Rev. A1, June 2001
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings T
C=25°C unless otherwise noted
Electrical Characteristics T
C=25°C unless otherwise noted
* Pulse test: PW
≤300µs, Duty cycle≤2%
Symbol
Parameter
Value
Units
VCEO
Collector-Emitter Voltage
: KSE44H 1,2
: KSE44H 4,5
: KSE44H 7,8
: KSE44H 10,11
30
45
60
80
V
V
V
V
VEBO
Emitter- Base Voltage
5
V
IC
Collector Current (DC)
10
A
ICP
*Collector Current (Pulse)
20
A
PC
Collector Dissipation (TC=25°C)
50
W
PC
Collector Dissipation (Ta=25°C)
1.67
W
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
- 55 ~ 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICES
Collector Cut-off Current
VCE = Rated VCEO, VEB = 0
10
µA
IEBO
Emitter Cut-off Current
VEB = 5V, IC = 0
100
µA
hFE
*DC Current Gain
: KSE44H 1,4,7,10
: KSE44H 2,5,8,11
VCE = 1V, IC = 2A
35
60
VCE(sat)
*Collector-Emitter Saturation Voltage
: KSE44H 1, 4, 7 10
: KSE44H 2, 5, 8,11
IC = 8A, IB = 0.8A
IC = 8A, IB = 0.4A
1
1
V
V
VBE (sat)
*Base-Emitter Saturation Voltage
IC = 8A, IB = 0.8A
1.5
V
fT
Current Gain Bandwidth Product
VCE = 10V, IC = 0.5A
50
MHz
Cob
Output Capacitance
VCB = 10V, f = 1MHz
130
pF
tON
Turn ON Time
VCC =20V, IC = 5A
IB1 = - IB2 = 0.5A
300
ns
tSTG
Storage Time
500
ns
tF
Fall Time
140
ns
KSE44H Series
General Purpose Power Switching Applications
• Low Collector-Emitter Saturation Voltage : VCE(sat) = 1V (Max.) @ 8A
• Fast Switching Speeds
• Complement to KSE45H
1.Base
2.Collector
3.Emitter
1
TO-220


Similar Part No. - KSE44H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE44H FAIRCHILD-KSE44H Datasheet
41Kb / 4P
   General Purpose Power Switching Applications
logo
Inchange Semiconductor ...
KSE44H11 ISC-KSE44H11 Datasheet
300Kb / 2P
   isc Silicon NPN Power Transistor
More results

Similar Description - KSE44H

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KSE44H FAIRCHILD-KSE44H Datasheet
41Kb / 4P
   General Purpose Power Switching Applications
KSE45H11TU FAIRCHILD-KSE45H11TU Datasheet
46Kb / 4P
   General Purpose Power Switching Applications
KSE45H FAIRCHILD-KSE45H Datasheet
40Kb / 4P
   General Purpose Power Switching Applications
logo
Sanyo Semicon Device
2SK3912 SANYO-2SK3912 Datasheet
38Kb / 4P
   General-Purpose Switching Device Applications
2SK3819 SANYO-2SK3819 Datasheet
41Kb / 4P
   General-Purpose Switching Device Applications
ECH8402 SANYO-ECH8402 Datasheet
53Kb / 4P
   General-Purpose Switching Device Applications
SFT1350 SANYO-SFT1350 Datasheet
82Kb / 4P
   General-Purpose Switching Device Applications
SFT1443 SANYO-SFT1443 Datasheet
81Kb / 4P
   General-Purpose Switching Device Applications
SFT1445 SANYO-SFT1445 Datasheet
82Kb / 4P
   General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003_11 Datasheet
405Kb / 5P
   General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com