Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS8695PX Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # KS8695PX
Description  Integrated Multi-Port PCI Gateway Solution
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

KS8695PX Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button KS8695PX Datasheet HTML 5Page - Micrel Semiconductor KS8695PX Datasheet HTML 6Page - Micrel Semiconductor KS8695PX Datasheet HTML 7Page - Micrel Semiconductor KS8695PX Datasheet HTML 8Page - Micrel Semiconductor KS8695PX Datasheet HTML 9Page - Micrel Semiconductor KS8695PX Datasheet HTML 10Page - Micrel Semiconductor KS8695PX Datasheet HTML 11Page - Micrel Semiconductor KS8695PX Datasheet HTML 12Page - Micrel Semiconductor KS8695PX Datasheet HTML 13Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
September 2005
9
M9999-091605
KS8695PX
Micrel
Pin Number
Pin Name
Type(1)
Pin Function
L16
GPIO15
I/O
General Purpose I/O Pin.
H17
GPIO2/EINT2
I/O
General Purpose I/O Pin. External Interrupt Request Pin.
H16
GPIO3/EINT3
I/O
General Purpose I/O Pin. External Interrupt Request Pin.
H15
GPIO4/TOUT0
I/O
General Purpose I/O Pin. Timer 0 Output Pin.
H14
GPIO5/TOUT1
I/O
General Purpose I/O Pin. Timer 1 Output Pin.
J17
GPIO6
I/O
General Purpose I/O Pin.
J16
GPIO7
I/O
General Purpose I/O Pin.
J15
GPIO8
I/O
General Purpose I/O Pin.
J14
GPIO9
I/O
General Purpose I/O Pin.
D7
IDSEL
I
Initialization Device Select. Active High.
A9
IRDYN
I/O
PCI Initiator Ready Signal. Active Low.
F1
ISET
I
Set PHY Transmit Output Current. Connect to Ground with 3.01kΩ 1% Resistor.
B17
L1LED0
O
LAN Port 1 LED Programmable Indicator 0. Active Low.
B16
L1LED1
O
LAN Port 1 LED Programmable Indicator 1. Active Low.
C17
L2LED0
O
LAN Port 2 LED Programmable Indicator 0. Active Low.
C16
L2LED1
O
LAN Port 2 LED Programmable Indicator 1. Active Low.
D17
L3LED0
O
LAN Port 3 LED Programmable Indicator 0. Active Low.
D16
L3LED1
O
LAN Port 3 LED Programmable Indicator 1. Active Low.
E17
L4LED0
O
LAN Port 4 LED Programmable Indicator 0. Active Low.
E16
L4LED1
O
LAN Port 4 LED Programmable Indicator 1. Active Low.
H4
LANRXM1
I
LAN Port 1 PHY Receive Signal – (differential).
J4
LANRXM2
I
LAN Port 2 PHY Receive Signal – (differential).
K4
LANRXM3
I
LAN Port 3 PHY Receive Signal – (differential).
L4
LANRXM4
I
LAN Port 4 PHY Receive Signal – (differential).
H3
LANRXP1
I
LAN Port 1 PHY Receive Signal + (differential).
J3
LANRXP2
I
LAN Port 2 PHY Receive Signal + (differential).
K3
LANRXP3
I
LAN Port 3 PHY Receive Signal + (differential).
L3
LANRXP4
I
LAN Port 4 PHY Receive Signal + (differential).
H2
LANTXM1
O
LAN Port 1 PHY Transmit Signal – (differential).
J2
LANTXM2
O
LAN Port 2 PHY Transmit Signal – (differential).
K2
LANTXM3
O
LAN Port 3 PHY Transmit Signal – (differential).
L2
LANTXM4
O
LAN Port 4 PHY Transmit Signal – (differential).
H1
LANTXP1
O
LAN Port 1 PHY Transmit Signal + (differential).
J1
LANTXP2
O
LAN Port 2 PHY Transmit Signal + (differential).
K1
LANTXP3
O
LAN Port 3 PHY Transmit Signal + (differential).
L1
LANTXP4
O
LAN Port 4 PHY Transmit Signal + (differential).
E4
M66EN
I
PCI 66 MHz Enable.
D2
MPCIACTN
O
MiniPCI Active Signal. Active Low.
A16
PAD0
I/O
PCI Address and Data 0.
Note:
1. I = Input.
O = Output.
I/O = Bidirectional.


Similar Part No. - KS8695PX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
More results

Similar Description - KS8695PX

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
KS8695P MICREL-KS8695P_11 Datasheet
816Kb / 42P
   Integrated Multi-Port PCI Gateway Solution
KS8695X MICREL-KS8695X_11 Datasheet
344Kb / 39P
   Integrated Multi-Port High-Performance Gateway Solution Rev. 1.03
KS8695 MICREL-KS8695 Datasheet
160Kb / 4P
   CENTAUR Integrated Multi-Port Gateway Solutions
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
KS8695X MICREL-KS8695X Datasheet
264Kb / 39P
   Integrated Multi-Port High-Performance Gateway Solutions
logo
Advantech Co., Ltd.
968SPUSTL0 ADVANTECH-968SPUSTL0 Datasheet
1,015Kb / 2P
   Multi-solution integrated platform:
logo
List of Unclassifed Man...
88E6218 ETC2-88E6218 Datasheet
323Kb / 2P
   Link Street Integrated Gateway Router with Multi-Port QoS Switch
logo
NXP Semiconductors
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
   Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
PLX Technology
OXPCIE200 PLX-OXPCIE200 Datasheet
158Kb / 2P
   PCI Express multi-port bridge
logo
Analog Devices
ADSP-21MOD970-110 AD-ADSP-21MOD970-110 Datasheet
80Kb / 6P
   Multiport Internet Gateway Processor Solution
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com