Selected language     English  ▼


V-10G1-3AR6-T Datasheet(PDF) 8 Page - Omron Electronics LLC

Part No. V-10G1-3AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 8 page
background image
V
V
117
Characteristics
Operating speed
0.1 mm to 1 m/s (pin plunger models)
Operating frequency
Mechanical: 600 operations/min max.
Electrical:
30 operations/min max.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
(initial value)
15 m
Ω max.
Dielectric strength
(t 2)
1,000 VAC, 50/60 Hz for 1 min between terminals of the same polarity
g
(see note 2)
V-21, V-16, and V-11 models: 2,000 VAC, 50/60 Hz for 1 min between current-carrying metal parts
and ground, and between each terminal and non-current-carrying metal parts
V-15 and V-10 models: 1,500 VAC, 50/60 Hz for 1 min between current-carrying metal parts and
ground, and between each terminal and non-current-carrying metal parts
Vibration resistance
(see note 3)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
(see note 3)
Destruction: 1,000 m/s2 {approx. 100G} max.
Malfunction: V-21/V-16/V-15: 300 m/s2 {approx. 30G} max.
V-11/V-10:
200 m/s2 {approx. 20G} max.
Durability
(see note 4)
Mechanical: 50,000,000 operations min. (60 operations/min)
Electrical:
V-21/V-16/V-15:
100,000 operations min. (30 operations/min)
(V-15 heat resistive: 20,000 operation min. (30 operations/min))
V-11/V-10:
300,000 operations min. (30 operations/min)
(V-10 heat resistive: 50,000 operation min. (30 operations/min))
Degree of protection
IEC IP40
Degree of protection against
electric shock
Class I
Proof tracking index (PTI)
175
Ambient operating
temperature
–25
°C to 80°C (at ambient humidity of 60% max.) (with no icing)
–25
°C to 150°C for heat-resistive model (at ambient humidity of 60% max.) (with no icing)
Ambient operating humidity
85% max. (for 5
°C to 35°C)
Weight
Approx. 6.2 g (pin plunger models)
Note:
1. The data given above are initial values.
2. The dielectric strength values shown in the table are for models with a Separator.
3. For the pin plunger models, the above values apply for use at both the free position and total travel position. For the lever models,
they apply at the total travel position.
4. For testing conditions, contact your OMRON sales representative.
Approved Standards
Consult your OMRON sales representative for specific models with standard approvals.
UL1054 (File No. E41515)/CSA C22.2 No. 55 (File NO. lR21642)
Rated voltage
V-21
V-16
V-15
V-11
V-10
125 VAC
21 A, 1/2 HP
16 A, 1/2 HP
15 A, 1/2 HP
11 A, 1/3 HP
10 A, 1/3 HP
250 VAC
125 VDC
0.6 A
0.6 A
0.6 A
0.6 A
0.6 A
250 VDC
0.3 A
0.3 A
0.3 A
0.3 A
0.3 A
EN61058-01 (File No. 129608, VDE approval)
Rated
voltage
V-21
V-16
V-11
250 VAC
20 (4) A
16 (4) A
11 (3) A
Testing conditions: 5E4 (50,000 operations), T105 (0
°C to 105°C)
EN61058-1 (File No. T9451451, TÜV Rheinland
approval)
Rated voltage
V-15
V-10
250 VAC
15 A
10 A
250 VDC
0.3 A
0.3 A
Testing conditions: 5E4 (50,000 operations), T85 (0
°C to 85°C)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl