Selected language     English  ▼


V-10G1-3AR6-T Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. V-10G1-3AR6-T
Description  Miniature Basic Switch
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 11 page
background image
V
V
120
Dimensions and Operating Characteristics
Note:
1. All units are in millimeters unless otherwise indicated.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
3. The following illustrations and drawings are for quick-connect terminals (#250) (terminals C). V models with a switching current of
16 A or 11 A incorporates terminals A and C2. These models are different from #250 models in terminal size only. Terminals A, C2,
and side common terminals are omitted from the following drawings. Refer to Kinds of Terminals on page 119 for these terminals.
4. The
j in the model number is for the terminal code.
5. The operating characteristics are for operation in the A direction ( ).
Model
V-21-1
j6
V-16-1
j5
OF max.
3.92 N {400 gf}
1.96 N {200 gf}
RF min.
{g }
0.78 N {80 gf}
{g }
0.49 N {50 gf}
PT max.
1.2 mm
OT min.
1.0 mm
MD max.
0.4 mm
OP
14.7
±0.4 mm
Model
V-11-1
j4
V-11-1
j5
OF max.
0.98 N {100 gf}
1.96 N {200 gf}
RF min.
{g }
0.20 N {20 gf}
{g }
0.49 N {50 gf}
PT max.
1.2 mm
OT min.
1.0 mm
MD max.
0.4 mm
OP
14.7
±0.4 mm
Pin Plunger Models
(Without Barrier)
V-21-1
j6
V-16-1
j5
V-11-1
j4
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
20.2
±0.25
2.8
1.6
2.8
10.3
±0.1
PT
OP
22.2
±0.1
2.8
(12.0)
27.8
39.8
±0.8
2.8
8.4
15.9
19.1
0.6
4.2
2.8
10.3
(With Right-hand Barrier)
V-21-1
jR6
V-16-1
jR5
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
20.2
±0.25
2.8
1.6
2.8
10.3
±0.1
PT
OP
22.2
±0.1
2.8
(12.0)
27.8
39.8
±0.8
40.2
2.8
15.9
8.4
19.1
21.9
0.6
4.2
2.8
0.6
10.3
A
A
(With Left-hand Barrier)
V-21-1
jL6
V-16-1
jL5
3.1
+0.13
–0.03
dia. holes
3.1
+0.13
–0.03
3.4
±0.15 dia.
t=0.8
Three, quick-connect
terminals (#250)
2.8
0.6
4.2
0.6
10.3
2.8
19.1
15.9
8.4
21.9
1.6
20.2
±0.25
2.8
2.8
(12.0) 2.8
27.8
39.8
±0.8
22.2
±0.1
40.2
10.3
±0.1
PT
OP
A




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl