Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV7235 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV7235
Description  LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV7235 Datasheet(HTML) 1 Page - Texas Instruments

  LMV7235 Datasheet HTML 1Page - Texas Instruments LMV7235 Datasheet HTML 2Page - Texas Instruments LMV7235 Datasheet HTML 3Page - Texas Instruments LMV7235 Datasheet HTML 4Page - Texas Instruments LMV7235 Datasheet HTML 5Page - Texas Instruments LMV7235 Datasheet HTML 6Page - Texas Instruments LMV7235 Datasheet HTML 7Page - Texas Instruments LMV7235 Datasheet HTML 8Page - Texas Instruments LMV7235 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMV7235, LMV7239
www.ti.com
SNOS532M – SEPTEMBER 2000 – REVISED FEBRUARY 2013
LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input
Comparator with Open-Drain/Push-Pull Output
Check for Samples: LMV7235, LMV7239
1
FEATURES
DESCRIPTION
The LMV7235/LMV7239/LMV7239Q are ultra low
2
(VS = 5V, TA = 25°C
power, low voltage, 75 nsec comparators. They are
Typical values unless otherwise specified)
guaranteed to operate over the full supply voltage
Propagation delay 75 nsec
range of 2.7V to 5.5V. These devices achieve a 75
nsec propagation delay while consuming only 65µA
Low supply current 65µA
of supply current at 5V.
Rail-to-Rail input
The LMV7235/LMV7239/LMV7239Q have a greater
Open drain and push-pull output
than rail-to-rail common mode voltage range. The
Ideal for 2.7V and 5V single supply
input common mode voltage range extends 200mV
applications
below ground and 200mV above supply, allowing
Available in space saving packages
both ground and supply sensing.
5-pin SOT-23
The LMV7235 features an open drain output. By
connecting an external resistor, the output of the
5-pin SC70
comparator can be used as a level shifter.
LMV7239Q is an automotive grade product
that is AECQ grade 1 qualified and is
The LMV7239/LMV7239Q features a push-pull output
manufactured on an automotive grade flow.
stage. This feature allows operation without the need
of an external pull-up resistor.
APPLICATIONS
The LMV7235/LMV7239/LMV7239Q are available in
the 5-Pin SC70 and 5-Pin SOT-23 packages, which
Portable and battery powered systems
are ideal for systems where small size and low power
Scanners
is critical.
Set top boxes
High speed differential line receiver
Window comparators
Zero-crossing detectors
High speed sampling circuits
Automotive
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV7235

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235 TI-LMV7235 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 TI1-LMV7235 Datasheet
1Mb / 30P
[Old version datasheet]   Open-Drain and Push-Pull Output
More results

Similar Description - LMV7235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV7239M5 TI1-LMV7239M5 Datasheet
1Mb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235M5 TI-LMV7235M5 Datasheet
996Kb / 22P
[Old version datasheet]   LMV7235/LMV7239/LMV7239Q 75 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
National Semiconductor ...
LMV7235 NSC-LMV7235_08 Datasheet
852Kb / 14P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
LMV7235 NSC-LMV7235_06 Datasheet
733Kb / 13P
   45 nsec, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
LMV7235 TI1-LMV7235_16 Datasheet
1Mb / 30P
[Old version datasheet]   75-ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain and Push-Pull Output
logo
National Semiconductor ...
LMV7235 NSC-LMV7235 Datasheet
320Kb / 12P
   45ns, Ultra Low Power, Low Voltage, Rail-to-Rail Input Comparator with Open-Drain/Push-Pull Output
logo
Texas Instruments
TLV1805 TI1-TLV1805 Datasheet
825Kb / 34P
[Old version datasheet]   40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
New Japan Radio
NJU77230 NJRC-NJU77230 Datasheet
1Mb / 25P
   Rail-to-Rail Input,Push-Pull Output Low power CMOS Comparators
Ver.3
logo
Texas Instruments
LMC6762 TI1-LMC6762_14 Datasheet
1Mb / 22P
[Old version datasheet]   Dual MicroPower Rail-To-Rail Input CMOS Comparator with Push-Pull Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com