Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TO-92 Datasheet(PDF) 5 Page - Supertex, Inc

Part # TO-92
Description  N-Channel Depletion-Mode DMOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

TO-92 Datasheet(HTML) 5 Page - Supertex, Inc

  TO-92 Datasheet HTML 1Page - Supertex, Inc TO-92 Datasheet HTML 2Page - Supertex, Inc TO-92 Datasheet HTML 3Page - Supertex, Inc TO-92 Datasheet HTML 4Page - Supertex, Inc TO-92 Datasheet HTML 5Page - Supertex, Inc TO-92 Datasheet HTML 6Page - Supertex, Inc TO-92 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
LND150
1235 Bordeaux Drive, Sunnyvale, CA 94089 Tel: 408-222-8888 www.supertex.com
3-Lead TO-236AB (SOT-23) Package Outline (K1)
2.90x1.30mm body, 1.12mm height (max), 1.90mm pitch
Symbol
A
A1
A2
b
D
E
E1
e
e1
L
L1
θ
Dimension
(mm)
MIN
0.89
0.01
0.88
0.30
2.80
2.10
1.20
0.95
BSC
1.90
BSC
0.20
0.54
REF
0O
NOM
-
-
0.95
-
2.90
-
1.30
0.50
-
MAX
1.12
0.10
1.02
0.50
3.04
2.64
1.40
0.60
8O
JEDEC Registration TO-236, Variation AB, Issue H, Jan. 1999.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc.#: DSPD-3TO236ABK1, Version C041309.
View B
View A - A
Side View
Top View
View B
Gauge
Plane
Seating
Plane
0.25
L1
L
E1 E
D
3
1
2
e
e1
b
A
A
Seating
Plane
A A2
A1


Similar Part No. - TO-92

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
148Kb / 1P
   TRANSISTOR (NPN)
logo
Supertex, Inc
TO-92 SUTEX-TO-92 Datasheet
932Kb / 7P
   Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
List of Unclassifed Man...
TO-92 ETC-TO-92 Datasheet
169Kb / 4P
   TO-92 (3 leads) Leaded Thru-hole Plastic Package
logo
SHENZHEN YONGERJIA INDU...
TO-92 WINNERJOIN-TO-92 Datasheet
126Kb / 1P
   TRANSISTOR (PNP)
TO-92 WINNERJOIN-TO-92 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - TO-92

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND250 SUTEX-LND250_14 Datasheet
436Kb / 3P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150 SUTEX-LND150_14 Datasheet
602Kb / 7P
   N-Channel Depletion-Mode DMOS FET
LND150N3-G SUTEX-LND150N3-G Datasheet
655Kb / 8P
   N-Channel Depletion-Mode DMOS FET
LND150N8-G SUTEX-LND150N8-G Datasheet
651Kb / 7P
   N-Channel Depletion-Mode DMOS FET
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
   N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
   N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
logo
Supertex, Inc
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
   N-Channel Depletion-Mode Vertical DMOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com