Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65165RSBRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # TPS65165RSBRG4
Description  Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65165RSBRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS65165RSBRG4 Datasheet HTML 3Page - Texas Instruments TPS65165RSBRG4 Datasheet HTML 4Page - Texas Instruments TPS65165RSBRG4 Datasheet HTML 5Page - Texas Instruments TPS65165RSBRG4 Datasheet HTML 6Page - Texas Instruments TPS65165RSBRG4 Datasheet HTML 7Page - Texas Instruments TPS65165RSBRG4 Datasheet HTML 8Page - Texas Instruments TPS65165RSBRG4 Datasheet HTML 9Page - Texas Instruments TPS65165RSBRG4 Datasheet HTML 10Page - Texas Instruments TPS65165RSBRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
www.ti.com
C2P
D1
L1
10uH
Vin
2.5Vto 6.0V
C9
68pF
R2
39 kW
R1
470 kW
FB
Vs
15V/1.0A
C5
22 mF
C6
22 mF
C7
22 mF
C1
22 mF
C2
22 mF
C3
22 mF
C4
1 mF
COMP
C2N
HVS
CTRL
DRN
POS1
NEG1
OUT1
POS2
NEG2
OUT2
REF
FBN
RHVS
FBP
POUT
C1P
C1N
PGND
PGND
VGH
DRVN
1
2
3
D2
D3
R7
160 kW
R8
39 kW
C20
220 nF
C16
330 nF
VGL
-5V/50mA
C15
330 nF
VGH
27.5V/50mA
R5
300
kW
R6
16 kW
HighVoltage
Switch Control
Boost Converter
D
S
PositiveCharge
Pump
x2 orx3
C14
100 pF
C13
1 mF
C12
330nF
R4
220 kW
R3
30kW
C10
1nF
C11
330 nF
C8
1 mF
C17
22 nF
C18
22 nF
C19
22 nF
R10
1kW
TPS65165
SLVS723A – DECEMBER 2006 – REVISED MAY 2007
BLOCK DIAGRAM
7
Submit Documentation Feedback


Similar Part No. - TPS65165RSBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65165RSBT TI-TPS65165RSBT Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
More results

Similar Description - TPS65165RSBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65165 TI-TPS65165 Datasheet
707Kb / 26P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65165 TI-TPS65165_12 Datasheet
1Mb / 30P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV and Monitor TFT-LCD Panels
TPS65162 TI-TPS65162 Datasheet
1Mb / 36P
[Old version datasheet]   Compact LCD Bias IC With High Speed Amplifiers for TV-LCD Panels
TPS65167 TI-TPS65167_07 Datasheet
1Mb / 39P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65166 TI1-TPS65166 Datasheet
3Mb / 41P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65167 TI-TPS65167 Datasheet
1Mb / 37P
[Old version datasheet]   Compact LCD Bias Supply for TFT-LCD TV Panels
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
[Old version datasheet]   BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Richtek Technology Corp...
RT6908 RICHTEK-RT6908 Datasheet
429Kb / 22P
   PMIC for TFT LCD TV Panels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com