Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65140PWPRG4 Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS65140PWPRG4
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65140PWPRG4 Datasheet(HTML) 2 Page - Texas Instruments

  TPS65140PWPRG4 Datasheet HTML 1Page - Texas Instruments TPS65140PWPRG4 Datasheet HTML 2Page - Texas Instruments TPS65140PWPRG4 Datasheet HTML 3Page - Texas Instruments TPS65140PWPRG4 Datasheet HTML 4Page - Texas Instruments TPS65140PWPRG4 Datasheet HTML 5Page - Texas Instruments TPS65140PWPRG4 Datasheet HTML 6Page - Texas Instruments TPS65140PWPRG4 Datasheet HTML 7Page - Texas Instruments TPS65140PWPRG4 Datasheet HTML 8Page - Texas Instruments TPS65140PWPRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
VIN
COMP
GND
EN
ENR
C1+
C1−
DRV
FB2
REF
FB4
BASE
SW
SW
FB1
SUP
C2+
C2−/MODE
OUT3
FB3
PG
PGND
PGND
GND
TPS65140
D1
System Power
Good
Q1
BCP68
D2
D3
R3
R4
R5
R6
C5
R2
R1
VI
2.7 V to 5.8 V
C3
22
µF
C13
10 nF
L1
4.2
µH
C1
0.22
µF
C12
0.22
µF
C6
0.22
µF
C11
100 nF
VI
C9
1
µF
VO4
3.3 V
C9
4.7
µF
C1
0.22
µF
VI
C4
22
µF
C7
0.22
µF
R7
33 k
VO3
Up to 30 V/20 mA
VO1
Up to 15 V/350 mA
VO2
Up to 12 V/20 mA
TPS65140, TPS65141
TPS65145
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
TYPICAL APPLICATION CIRCUIT
ORDERING INFORMATION
PACKAGE(1) (2)
LINEAR REGULATOR
MINIMUM SWITCH
TA
PACKAGE
OUTPUT VOLTAGE
CURRENT LIMIT
TSSOP
QFN
MARKING
3.3 V
1.6 A
TPS65140PWP
TPS65140RGE
TPS65140
-40°C to 85°C
3.3 V
1.6 A
TPS65141PWP
TPS65141RGE
TPS65141
3.3 V
0.96 A
TPS65145PWP
TPS65145RGE
TPS65145
(1)
The PWP and RGE packages are available taped and reeled. Add an R suffix to the device type (TPS65100PWPR) to order the device
taped and reeled. The PWPR package has quantities of 2000 devices per reel, and the the RGER package has 3000 devices per reel.
Without the suffix, the PWP package only, is shipped in tubes with 60 devices per tube.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
Web site at www.ti.com.
2
Submit Documentation Feedback
Copyright © 2003–2012, Texas Instruments Incorporated
Product Folder Links: TPS65140 TPS65141 TPS65145


Similar Part No. - TPS65140PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65140PWPRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com