Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS560200 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS560200
Description  4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS560200 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS560200 Datasheet HTML 2Page - Texas Instruments TPS560200 Datasheet HTML 3Page - Texas Instruments TPS560200 Datasheet HTML 4Page - Texas Instruments TPS560200 Datasheet HTML 5Page - Texas Instruments TPS560200 Datasheet HTML 6Page - Texas Instruments TPS560200 Datasheet HTML 7Page - Texas Instruments TPS560200 Datasheet HTML 8Page - Texas Instruments TPS560200 Datasheet HTML 9Page - Texas Instruments TPS560200 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TPS560200
SLVSC81 – SEPTEMBER 2013
www.ti.com
Current Protection
The output over-current protection (OCP) is implemented using a cycle-by-cycle valley detect control circuit. The
switch current is monitored by measuring the low-side FET switch voltage between the PH pin and GND. This
voltage is proportional to the switch current. To improve accuracy, the voltage sensing is temperature
compensated.
During the on time of the high-side FET switch, the switch current increases at a linear rate determined by VIN,
VOUT, the on-time and the output inductor value. During the on time of the low-side FET switch, this current
decreases linearly. The average value of the switch current is the load current Iout. The TPS560200 constantly
monitors the low-side FET switch voltage, which is proportional to the switch current, during the low-side on-time.
If the measured voltage is above the voltage proportional to the current limit, an internal counter is incremented
per each switching cycle and the converter maintains the low-side switch on until the measured voltage is below
the voltage corresponding to the current limit at which time the switching cycle is terminated and a new switching
cycle begins. In subsequent switching cycles, the on-time is set to a fixed value and the current is monitored in
the same manner.
There are some important considerations for this type of over-current protection. The peak current is the average
load current plus one half of the peak-to-peak inductor current. The valley current is the average load current
minus one half of the peak-to-peak inductor current. Since the valley current is used to detect the overcurrent
threshold, the load current is higher than the over-current threshold. Also, when the current is being limited, the
output voltage tends to fall as the demanded load current may be higher than the current available from the
converter. This protection is non-latching. When the VSENSE voltage becomes lower than 63% of the target
voltage, the UVP comparator detects it. After 7 µs detecting the UVP voltage, device shuts down and re-starts
after hiccup time.
When the over-current condition is removed, the output voltage returns to the regulated value.
Thermal Shutdown
TPS560200 monitors the temperature of itself. If the temperature exceeds the threshold value (typically 170°C),
the device is shut off. This is non-latch protection.
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS560200


Similar Part No. - TPS560200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200 TI1-TPS560200 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
TPS560200 TI1-TPS560200 Datasheet
1Mb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down SWIFT??Converter With Advanced Eco-mode?
TPS560200 TI-TPS560200 Datasheet
3Mb / 70P
[Old version datasheet]   LMX2571-EP Low-Power, High-Performance PLLatinum짰 RF Synthesizer With FSK Modulation
SNAS824 ??OCTOBER 2021
TPS560200-Q1 TI1-TPS560200-Q1 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
More results

Similar Description - TPS560200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com