Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65145PWPG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # TPS65145PWPG4
Description  TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS65145PWPG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS65145PWPG4 Datasheet HTML 1Page - Texas Instruments TPS65145PWPG4 Datasheet HTML 2Page - Texas Instruments TPS65145PWPG4 Datasheet HTML 3Page - Texas Instruments TPS65145PWPG4 Datasheet HTML 4Page - Texas Instruments TPS65145PWPG4 Datasheet HTML 5Page - Texas Instruments TPS65145PWPG4 Datasheet HTML 6Page - Texas Instruments TPS65145PWPG4 Datasheet HTML 7Page - Texas Instruments TPS65145PWPG4 Datasheet HTML 8Page - Texas Instruments TPS65145PWPG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS65140, TPS65141
TPS65145
www.ti.com
SLVS497E – SEPTEMBER 2003 – REVISED NOVEMBER 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
UNIT
Voltages on pin VIN(2)
-0.3 V to 6 V
Voltages on pin VO1, SUP, PG
(2)
-0.3 V to 15.5 V
Voltages on pin EN, MODE, ENR(2)
-0.3 V to VI + 0.3 V
Voltage on pin SW(2)
20 V
Power good maximum sink current (PG)
1 mA
Continuous power dissipation
See Dissipation Rating Table
Operating junction temperature range
-40°C to 150°C
Storage temperature range
-65°C to 150°C
Lead temperature (soldering, 10 sec)
260°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
DISSIPATION RATINGS
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
R
ΘJA
POWER RATING
POWER RATING
POWER RATING
24-Pin TSSOP
30.13 C°/W (PWP soldered)
3.3 W
1.83 W
1.32 W
24-Pin QFN
30 C°/W
3.3 W
1.8 W
1.3 W
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VIN
Input voltage range
2.7
5.8
V
L
Inductor(1)
4.7
μH
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
(1)
See the application information section for further information.
ELECTRICAL CHARACTERISTICS
Vin = 3.3 V, EN = VIN, VO1 = 10 V, TA= -40°C to 85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Vi
Input voltage range
2.7
5.5
V
ENR = GND, VO3 = 2 x VO1,
0.7
0.9
mA
IQ
Quiescent current into VIN
Boost converter not switching
VO1 = SUP = 10 V, VO3 = 2 x VO1
1.7
2.7
Charge pump quiescent
IQCharge
mA
current into SUP
VO1 = SUP = 10 V, VO3 = 3 x VO1
3.9
6
IQEN
LDO controller quiescent
ENR = VIN, EN = GND
300
800
μA
current into Vin
ISD
Shutdown current into VIN
EN = ENR = GND
1
10
μA
VUVLO
Undervoltage lockout
VI falling
2.2
2.4
V
threshold
Thermal shutdown
Temperature rising
160
°C
LOGIC SIGNALS EN, ENR
VIH
High level input voltage
1.5
V
VIL
Low level input voltage
0.4
V
II
Input leakage current
EN = GND or VIN
0.01
0.1
μA
MAIN BOOST CONVERTER
Copyright © 2003–2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS65140 TPS65141 TPS65145


Similar Part No. - TPS65145PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145PWPG4 TI-TPS65145PWPG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
More results

Similar Description - TPS65145PWPG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65145 TI-TPS65145 Datasheet
865Kb / 24P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1_16 Datasheet
592Kb / 26P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140 TI-TPS65140 Datasheet
1Mb / 31P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140PWPRG4 TI-TPS65140PWPRG4 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65140-Q1 TI1-TPS65140-Q1 Datasheet
630Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND POWER GOOD
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
TPS65100 TI-TPS65100_07 Datasheet
1Mb / 32P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100-Q1 TI1-TPS65100-Q1 Datasheet
594Kb / 27P
[Old version datasheet]   TRIPLE-OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
TPS65100 TI-TPS65100 Datasheet
816Kb / 25P
[Old version datasheet]   TRIPLE OUTPUT LCD SUPPLY WITH LINEAR REGULATOR AND VCOM BUFFER
logo
Analog Intergrations Co...
AIC1533 AIC-AIC1533 Datasheet
397Kb / 17P
   Triple-Output LCD Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com