Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS74401KTWT Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS74401KTWT
Description  3.0A Ultra-LDO with Programmable Soft-Start
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS74401KTWT Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS74401KTWT Datasheet HTML 7Page - Texas Instruments TPS74401KTWT Datasheet HTML 8Page - Texas Instruments TPS74401KTWT Datasheet HTML 9Page - Texas Instruments TPS74401KTWT Datasheet HTML 10Page - Texas Instruments TPS74401KTWT Datasheet HTML 11Page - Texas Instruments TPS74401KTWT Datasheet HTML 12Page - Texas Instruments TPS74401KTWT Datasheet HTML 13Page - Texas Instruments TPS74401KTWT Datasheet HTML 14Page - Texas Instruments TPS74401KTWT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
2
4
6
8
10
12
PGCurrent(mA)
JunctionTemperature( C)
°
-40
-20
0
20
40
60
80
100
120
765
750
735
720
705
690
675
TPS744xx
www.ti.com
SBVS066O – DECEMBER 2005 – REVISED MARCH 2013
TYPICAL CHARACTERISTICS (continued)
At TJ = +25°C, VOUT = 1.5V, VIN = VOUT(TYP) + 0.3V, VBIAS = 3.3V, IOUT = 50mA, CIN = 1μF, CBIAS = 1μF, CSS = 0.01μF, and
COUT = 10μF, unless otherwise noted.
SOFT-START CHARGING CURRENT (ISS)
vs TEMPERATURE
LOW-LEVEL PG VOLTAGE vs PG CURRENT
Figure 22.
Figure 23.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11


Similar Part No. - TPS74401KTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74401KTWT TI-TPS74401KTWT Datasheet
411Kb / 22P
[Old version datasheet]   3.0A Ultra-Low Dropout Linear Regulator
TPS74401KTWT TI1-TPS74401KTWT Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401KTWTG3 TI1-TPS74401KTWTG3 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
More results

Similar Description - TPS74401KTWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS74201 TI1-TPS74201 Datasheet
1Mb / 34P
[Old version datasheet]   Ultra-LDO With Programmable Soft-Start
TPS74201 TI-TPS74201 Datasheet
978Kb / 26P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74201 TI-TPS74201_15 Datasheet
953Kb / 28P
[Old version datasheet]   1.5A Ultra-LDO with Programmable Soft-Start
TPS74401 TI1-TPS74401_16 Datasheet
1Mb / 40P
[Old version datasheet]   3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74401-EP TI1-TPS74401-EP Datasheet
797Kb / 26P
[Old version datasheet]   3.0-A ULTRA-LDO WITH PROGRAMMABLE SOFT-START
TPS74401 TI-TPS74401_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS74401 3.0-A, Ultra-LDO with Programmable Soft-Start
TPS74901 TI1-TPS74901 Datasheet
799Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX Datasheet
836Kb / 27P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS749XX TI-TPS749XX_08 Datasheet
978Kb / 26P
[Old version datasheet]   3.0A Low Dropout Linear Regulator with Programmable Soft-Start
TPS74801 TI-TPS74801 Datasheet
369Kb / 19P
[Old version datasheet]   1.5A LDO Linear Regulator with Programmable Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com