Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS560200DBVT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS560200DBVT
Description  4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converter with Advanced Eco-mode
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS560200DBVT Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS560200DBVT Datasheet HTML 4Page - Texas Instruments TPS560200DBVT Datasheet HTML 5Page - Texas Instruments TPS560200DBVT Datasheet HTML 6Page - Texas Instruments TPS560200DBVT Datasheet HTML 7Page - Texas Instruments TPS560200DBVT Datasheet HTML 8Page - Texas Instruments TPS560200DBVT Datasheet HTML 9Page - Texas Instruments TPS560200DBVT Datasheet HTML 10Page - Texas Instruments TPS560200DBVT Datasheet HTML 11Page - Texas Instruments TPS560200DBVT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
F
=
P
OUT
OUT
1
2
L
x C
p
OUT
R1 0.8 V
R2 =
V
-0.8V
´
10µF
C4
10µH
L1
10µF
C5
VIN 4.5-17V
VOUT 1.05V, 0.5 A
0.1µF
C2
C3
TPS560200
VIN
4
EN
1
VSENSE
5
GND
2
PH
3
U1
10µF
C1
6.19k
R1
20.0k
R2
open
TPS560200
SLVSC81 – SEPTEMBER 2013
www.ti.com
APPLICATION INFORMATION
Design Guide
To begin the design process, the user must know a few application parameters:
Input voltage range
Output voltage
Output current
Output voltage ripple
Input voltage ripple
Figure 7. Typical Application Schematic
Output Voltage Resistors Selection
The output voltage is set with a resistor divider from the output node to the VFB pin. It is recommended to use
1% tolerance or better divider resistors. Start by using Equation 2 to calculate VOUT.
To improve efficiency at light loads consider using larger value resistors, high resistance is more susceptible to
noise, and the voltage errors from the VSENSE input current are more noticeable.
(2)
Output Filter Selection
The output filter used with the TPS560200 is an LC circuit. This LC filter has double pole at:
(3)
At low frequencies, the overall loop gain is set by the output set-point resistor divider network and the internal
gain of the TPS560200. The low frequency phase is 180 degrees. At the output filter pole frequency, the gain
rolls off at a –40 dB per decade rate and the phase drops rapidly. D-CAP2™ introduces a high frequency zero
that reduces the gain roll off to –20 dB per decade and increases the phase to 90 degrees one decade above the
zero frequency. The inductor and capacitor selected for the output filter must be selected so that the double pole
of Equation 3 is located below the high frequency zero but close enough that the phase boost provided be the
high frequency zero provides adequate phase margin for a stable circuit. To meet this requirement use the
values recommended in Table 1
Table 1. Recommended Component Values
L1
Output Voltage
R1
R2
C5
C3 + C4
(µH)
(V)
(k
Ω)
(k
Ω)
(pF)
(µF)
Min
Typ
Max
1.0
4.99
20.0
10
10 + 10
1.05
6.19
20.0
10
10 + 10
1.2
10.0
20.0
10
10 + 10
1.5
17.4
20.0
10
10 + 10
1.8
24.9
20.0
optional
10
10 + 10
2.5
42.2
20.0
optional
10
10 + 10
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS560200


Similar Part No. - TPS560200DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200DBVT TI1-TPS560200DBVT Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS560200DBVT TI1-TPS560200DBVT Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
More results

Similar Description - TPS560200DBVT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS560200 TI1-TPS560200 Datasheet
950Kb / 18P
[Old version datasheet]   4.5V to 17V Input, 500mA Synchronous Step Down SWIFT Converte rwith Advanced Eco-mode
TPS54320 TI-TPS54320 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input 3A Synchronous Step Down SWIFT Converter
TPS54320 TI-TPS54320_11 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 3A Synchronous Step Down SWIFT Converter
TPS54521 TI-TPS54521 Datasheet
1Mb / 33P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54620 TI-TPS54620_11 Datasheet
1Mb / 44P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54620_1002 TI-TPS54620_1002 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter
TPS54521 TI-TPS54521_1 Datasheet
893Kb / 35P
[Old version datasheet]   4.5V to 17V Input, 5A Synchronous Step Down SWIFT??Converter
TPS54622 TI1-TPS54622 Datasheet
1Mb / 36P
[Old version datasheet]   4.5V to 17V Input, 6A Synchronous Step Down SWIFT??Converter With Hiccup
TPS56921 TI-TPS56921_15 Datasheet
995Kb / 37P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT??Converter With VID Control
TPS56921 TI-TPS56921 Datasheet
1Mb / 39P
[Old version datasheet]   4.5V to 17V Input, 9A Synchronous Step Down SWIFT Converter With VID Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com