Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS73601DRBRG4 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS73601DRBRG4
Description  Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS73601DRBRG4 Datasheet(HTML) 3 Page - Texas Instruments

  TPS73601DRBRG4 Datasheet HTML 1Page - Texas Instruments TPS73601DRBRG4 Datasheet HTML 2Page - Texas Instruments TPS73601DRBRG4 Datasheet HTML 3Page - Texas Instruments TPS73601DRBRG4 Datasheet HTML 4Page - Texas Instruments TPS73601DRBRG4 Datasheet HTML 5Page - Texas Instruments TPS73601DRBRG4 Datasheet HTML 6Page - Texas Instruments TPS73601DRBRG4 Datasheet HTML 7Page - Texas Instruments TPS73601DRBRG4 Datasheet HTML 8Page - Texas Instruments TPS73601DRBRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPS736xx
www.ti.com
SBVS038T – SEPTEMBER 2003 – REVISED AUGUST 2010
THERMAL INFORMATION
TPS736xx(3)
THERMAL METRIC(1)(2)
DRB
DCQ
DBV
UNITS
8 PINS
6 PINS
5 PINS
qJA
Junction-to-ambient thermal resistance(4)
47.8
70.4
180
qJCtop
Junction-to-case (top) thermal resistance(5)
83
70
64
qJB
Junction-to-board thermal resistance(6)
N/A
N/A
35
°C/W
yJT
Junction-to-top characterization parameter(7)
2.1
6.8
N/A
yJB
Junction-to-board characterization parameter(8)
17.8
30.1
N/A
qJCbot
Junction-to-case (bottom) thermal resistance(9)
12.1
6.3
N/A
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953A.
(2)
For thermal estimates of this device based on PCB copper area, see the TI PCB Thermal Calculator.
(3)
Thermal data for the DRB, DCQ, and DRV packages are derived by thermal simulations based on JEDEC-standard methodology as
specified in the JESD51 series. The following assumptions are used in the simulations:
(a)
i. DRB: The exposed pad is connected to the PCB ground layer through a 2x2 thermal via array.
. ii. DCQ: The exposed pad is connected to the PCB ground layer through a 3x2 thermal via array.
. iii. DBV: There is no exposed pad with the DBV package.
(b) i. DRB: The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20% copper
coverage.
. ii. DCQ: Each of top and bottom copper layers has a dedicated pattern for 20% copper coverage.
. iii. DBV: The top and bottom copper layers are assumed to have a 20% thermal conductivity of copper representing a 20% copper
coverage.
(c) These data were generated with only a single device at the center of a JEDEC high-K (2s2p) board with 3in × 3in copper area. To
understand the effects of the copper area on thermal performance, see the Power Dissipation section of this data sheet.
(4)
The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as
specified in JESD51-7, in an environment described in JESD51-2a.
(5)
The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the top of the package. No specific
JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
(6)
The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB
temperature, as described in JESD51-8.
(7)
The junction-to-top characterization parameter, yJT, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain qJA using a procedure described in JESD51-2a (sections 6 and 7).
(8)
The junction-to-board characterization parameter, yJB, estimates the junction temperature of a device in a real system and is extracted
from the simulation data to obtain qJA using a procedure described in JESD51-2a (sections 6 and 7).
(9)
The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific
JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88.
Copyright © 2003–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3


Similar Part No. - TPS73601DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS73601DRBRG4 TI-TPS73601DRBRG4 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601DRBRG4 TI-TPS73601DRBRG4 Datasheet
641Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator
TPS73601DRBRG4 TI-TPS73601DRBRG4 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601DRBRG4 TI-TPS73601DRBRG4 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601DRBRG4 TI-TPS73601DRBRG4 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
More results

Similar Description - TPS73601DRBRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS736XX_0850 TI-TPS736XX_0850 Datasheet
948Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_07 Datasheet
722Kb / 23P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS736XX TI-TPS736XX_08 Datasheet
908Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601 TI-TPS73601 Datasheet
652Kb / 27P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73601-Q1 TI1-TPS73601-Q1 Datasheet
576Kb / 22P
[Old version datasheet]   Cap-Free, NMOS, 400mA Low-Dropout Regulator with Reverse Current Protection
TPS73101 TI-TPS73101 Datasheet
348Kb / 16P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS73201 TI-TPS73201 Datasheet
427Kb / 18P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
TPS73218-Q1 TI1-TPS73218-Q1 Datasheet
955Kb / 21P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low-Dropout Regulator with Reverse Current Protection
TPS731 TI-TPS731 Datasheet
907Kb / 24P
[Old version datasheet]   Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection
TPS732XX TI-TPS732XX_08 Datasheet
919Kb / 26P
[Old version datasheet]   Cap-Free, NMOS, 250mA Low Dropout Regulator with Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com