Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XG4M-2030-T Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # XG4M-2030-T
Description  Flat Cable Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

XG4M-2030-T Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button XG4M-2030-T Datasheet HTML 6Page - Omron Electronics LLC XG4M-2030-T Datasheet HTML 7Page - Omron Electronics LLC XG4M-2030-T Datasheet HTML 8Page - Omron Electronics LLC XG4M-2030-T Datasheet HTML 9Page - Omron Electronics LLC XG4M-2030-T Datasheet HTML 10Page - Omron Electronics LLC XG4M-2030-T Datasheet HTML 11Page - Omron Electronics LLC XG4M-2030-T Datasheet HTML 12Page - Omron Electronics LLC XG4M-2030-T Datasheet HTML 13Page - Omron Electronics LLC XG4M-2030-T Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
Flat Cable Connectors
XG4
■ Ordering Information
Note: Polarity slot pitch is 22.86 mm.
Lock Levers
• This series of Connectors allows you to attach Lock Levers on
Right-angle Terminal Plugs after automated soldering is completed.
• Lock Levers can be easily mounted simply by manually pushing
them in.
Note: The left and right Lock Levers are identical. One pair is needed
for each Plug.
Attachment after Soldering
• Long Levers interfere with automated mounting.
• Long Levers are in the way when boards are packed.
• These problems are resolved using Connectors with Long Levers
that can be attached after soldering is completed.
No. of
contacts
No. of
polarizing
slots
Plugs with straight DIP terminals
Plugs right-angle DIP terminals
10
0
XG4A-1073
XG4A-1076
1
XG4A-1033
XG4A-1036
14
1
XG4A-1433
XG4A-1436
16
1
XG4A-1633
XG4A-1636
20
1
XG4A-2033
XG4A-2036
26
1
XG4A-2633
XG4A-2636
30
1
XG4A-3033
XG4A-3036
34
1
XG4A-3433
XG4A-3436
40
1
XG4A-4033
XG4A-4036
50
1
XG4A-5033
XG4A-5036
2 (See note.)
XG4A-5073
XG4A-5076
60
1
XG4A-6033
XG4A-6036
2 (See note.)
XG4A-6073
XG4A-6076
64
1
XG4A-6433
XG4A-6436
2 (See note.)
XG4A-6473
XG4A-6476
Type
Model
Long Lock Levers
XG4Z-0010
Short Lock Levers
XG4Z-0011
XG4Z-0010
Long Lock Lever
XG4Z-0011
Short Lock Lever


Similar Part No. - XG4M-2030-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4M-2030-U OMRON-XG4M-2030-U Datasheet
1Mb / 22P
   Flat Cable Connectors
More results

Similar Description - XG4M-2030-T

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
XG4_1011 OMRON-XG4_1011 Datasheet
1Mb / 22P
   Flat Cable Connectors
XG4 OMRON-XG4 Datasheet
1Mb / 20P
   Flat Cable Connectors
XJ8A-0211 OMRON-XJ8A-0211 Datasheet
1Mb / 2P
   Flat Cable Connectors and Jump Connectors
XG2 OMRON-XG2 Datasheet
370Kb / 4P
   Flat Cable Connectors for PCBs
logo
Molex Electronics Ltd.
62202-0800 MOLEX-62202-0800 Datasheet
1Mb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
List of Unclassifed Man...
66900-024 ETC-66900-024 Datasheet
202Kb / 2P
   Round Conductor, Flat Cable, IDC Connectors
logo
Molex Electronics Ltd.
62200-7800 MOLEX-62200-7800 Datasheet
949Kb / 1P
   Application Tooling Flat Flexible Cable Connectors
logo
Assmann Electronics Inc...
A-DXFXXLPIII-FP-R ASSMANN-A-DXFXXLPIII-FP-R Datasheet
235Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
A-DXFXXLPIII-Z-UNC-R ASSMANN-A-DXFXXLPIII-Z-UNC-R Datasheet
227Kb / 1P
   D-SUB CONNECTORS FOR FLAT RIBBON CABLE
logo
DDK Ltd.
57FE DDK-57FE Datasheet
311Kb / 9P
   Flat Ribbon Cable Connectors EMI/RFI Shielding Version
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com