Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71247DRCTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS71247DRCTG4
Description  Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71247DRCTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS71247DRCTG4 Datasheet HTML 7Page - Texas Instruments TPS71247DRCTG4 Datasheet HTML 8Page - Texas Instruments TPS71247DRCTG4 Datasheet HTML 9Page - Texas Instruments TPS71247DRCTG4 Datasheet HTML 10Page - Texas Instruments TPS71247DRCTG4 Datasheet HTML 11Page - Texas Instruments TPS71247DRCTG4 Datasheet HTML 12Page - Texas Instruments TPS71247DRCTG4 Datasheet HTML 13Page - Texas Instruments TPS71247DRCTG4 Datasheet HTML 14Page - Texas Instruments TPS71247DRCTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
P
D
+ (VIN * VOUT)
I
OUT
TPS71202, TPS71219
TPS71229, TPS71247
TPS71256, TPS71257
www.ti.com
SBVS049D – MAY 2004 – REVISED AUGUST 2010
TRANSIENT RESPONSE
enabled. Depending on power dissipation, thermal
resistance, and ambient temperature, the thermal
As with any regulator, increasing the size of the
protection circuit may cycle on and off. This limits the
output
capacitor
will
reduce
over/undershoot
dissipation of the regulator, protecting it from damage
magnitude but increase duration of the transient
due to overheating.
response. In the adjustable version, the addition of a
capacitor, CFB, from the output to the feedback pin
Any tendency to activate the thermal protection circuit
will also improve stability and transient response. The
indicates
excessive
power
dissipation
or
an
transient response of the TPS712xx is enhanced with
inadequate heatsink. For reliable operation, junction
an active pull-down that engages when the output is
temperature should be limited to +125°C maximum.
over-voltaged. The active pull-down decreases the
To estimate the margin of safety in a complete design
output recovery time when the load is removed.
(including
heatsink),
increase
the
ambient
Figure 13 in the Typical Characteristics section shows
temperature until the thermal protection is triggered;
the output transient response.
use worst-case loads and signal conditions. For good
reliability, thermal protection should trigger at least
+35°C
above
the
maximum
expected
ambient
SHUTDOWN
condition
of
your
application.
This
produces
a
Both enable pins are active high and are compatible
worst-case junction temperature of +125°C at the
with standard TTL-CMOS levels. The device is only
highest
expected
ambient
temperature
and
completely disabled when both EN1 and EN2 are
worst-case load.
logic low. In this state, the LDO is completely off and
The internal protection circuitry of the TPS712xx was
the ground pin current drops to approximately 100
designed to protect against overload conditions. It
nA. With one output disabled, the ground pin current
was not intended to replace proper heatsinking.
is slightly greater than half the nominal value. When
Continuously running the TPS712xx into thermal
shutdown capability is not required, the enable pins
shutdown will degrade device reliability.
should be connected to the input supply.
POWER DISSIPATION
INTERNAL CURRENT LIMIT
The ability to remove heat from the die is different for
The TPS712xx internal current limit helps protect the
each
package
type,
presenting
different
regulator during fault conditions. During current limit,
considerations in the PCB layout. The PCB area
the output will source a fixed amount of current that is
around the device that is free of other components
largely independent of the output voltage.
moves the heat from the device to the ambient air.
The TPS712xx PMOS-pass transistors have a built-in
Performance data for a JEDEC high-K board is
back diode that conducts reverse current when the
shown in the Dissipation Ratings table. Using heavier
input voltage drops below the output voltage (that is,
copper will increase the effectiveness in removing
during power-down). Current is conducted from the
heat
from
the
device.
The
addition
of
plated
output to the input and is not internally limited. If
through-holes to heat-dissipating layers will also
extended reverse voltage operation is anticipated,
improve the heat-sink effectiveness.
external limiting may be appropriate.
Power dissipation depends on input voltage and load
conditions. Power dissipation (PD) is equal to the
THERMAL PROTECTION
product of the output current times the voltage drop
Thermal protection disables both outputs when the
across the output pass element (VIN to VOUT):
junction temperature of either channel rises to
(4)
approximately +160°C, allowing the device to cool.
When
the
junction
temperature
cools
to
Power dissipation can be minimized by using the
approximately +140°C, the output circuitry is again
lowest possible input voltage necessary to assure the
required output voltage.
Copyright © 2004–2010, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): TPS71202 TPS71219 TPS71229 TPS71247 TPS71256 TPS71257


Similar Part No. - TPS71247DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71247DRCT TI1-TPS71247DRCT Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
More results

Similar Description - TPS71247DRCTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71202 TI-TPS71202 Datasheet
368Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71202 TI1-TPS71202_17 Datasheet
964Kb / 21P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator
TPS71319 TI-TPS71319_07 Datasheet
725Kb / 19P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI1-TPS71319_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71319 TI-TPS71319 Datasheet
374Kb / 15P
[Old version datasheet]   Dual 250 mA Output, UltraLow Noise, High PSRR, Low-Dropout Linear Regulator with Integrated SVS
TPS71202-EP TI1-TPS71202-EP Datasheet
679Kb / 19P
[Old version datasheet]   DUAL, 250-mA OUTPUT, ULTRA-LOW NOISE, HIGH PSRR, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP7185 AD-ADP7185 Datasheet
841Kb / 19P
   ??00 mA, Ultralow Noise, High PSRR, Low Dropout Linear Regulator
Rev. 0
logo
Texas Instruments
TPS79425 TI-TPS79425_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79428 TI-TPS79428_15 Datasheet
1Mb / 23P
[Old version datasheet]   ULTRALOW-NOISE, HIGH-PSRR, FAST, RF, 250-mA LOW-DROPOUT LINEAR REGULATORS
TPS79401 TI-TPS79401 Datasheet
487Kb / 15P
[Old version datasheet]   ULTRALOW-NOISE, HIGH PSRR, FAST RF 250-mA LOW-DROPOUT LINEAR REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com