Electronic Components Datasheet Search
Selected language     English  ▼


Z-15G Datasheet(PDF) 4 Page - Omron Electronics LLC

Part No. Z-15G
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 4 page
background image
4
Z
Z
Standard
Standard flexible rod types
(except flexible rod types)
(coil spring and steel wire type)
Operating speed
0.01 mm to 1 m/second (see note 2)
1 mm to 1 m/second
Operating frequency
Mechanical
240 operations/min.
120 operations/min.
Electrical
20 operations/min.
20 operations/min.
Insulation resistance
100 M
Ω min. (at 500 VDC)
Contact resistance
50 m
Ω max. (initial)
15 m
Ω max. (initial)
Dielectric strength (VAC)
G contact gap model
1,000 VAC, 50/60 Hz for 1 minute between terminals of same polarity
H contact gap model
600 VAC, 50/60 Hz for 1 minute
2,000 VAC, 50/60 Hz for 1 minute between current carrying metal parts and
ground and between each terminal and non-current carrying metal parts
Vibration
Malfunction
10 to 55 Hz, 1.5 mm
10 to 20 Hz, 1.5 mm
double amplitude (see note 4)
double amplitude
Shock
Mechanical durability
1,000 m/s2 min. (approx. 100 g)
Malfunction
300 m/s2 min. (approx. 30 g) (see note 3)
50 m/s2 min. (approx. 5 g)
Ambient temperature
Standard types
-25
° to 80°C (with no icing)
Drip-proof types
-15
° to 80°C (with no icing)
Humidity
Standard types
35% to 85% RH
Drip-proof types
35% to 95% RH
Service life
Mechanical
G, H contact gap models
1,000,000 operations min.
20,000,000 operations min. (see note 4)
Electrical
G, H contact gap models
100,000 operations min.
500,000 operations min. (see note 2)
Weight
Approx. 22 to 58 g
Approx. 42 to 48 g
Characteristics
s ACCESSORIES (order separately)
ZAA-1
ZAA-2
Characteristics
w/Z-15G-B
w/Z-15G-B
OF max.
500 g
500 g
RF min.
170 g
170 g
PT max.
OT min.
12.7 mm
12.7 mm
MD max.
2.2 mm
2.2 mm
FP max.
34.5 mm
46.1 mm
OP
28.9
±1.6 mm
40.4
±1.6 mm
Operating Characteristics (when used with Z-15)
Material
Mounting method
For solder terminal
For screw terminal
Remarks
Phenolic resin
Side mounting
AP-A
AP-B
Metal
Side mounting
AP1-A
AP1-B
Use in conjunction with AP-A and AP-B
Polyvinyl chloride
Side mounting
AP-Z
AP-Z
Excels in safety and dust-proofing property
Terminal enclosures - Standard models
Note: 1. Data shown are of initial value.
2. Apply to the pin plunger models or the pin plunger of the lever models.
3. Apply to Z-15G.
4. Apply to the pin plunger models.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl