Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HER3003PD Datasheet(PDF) 2 Page - Thinki Semiconductor Co., Ltd.

Part # HER3003PD
Description  30.0 Ampere Dual Common Cathode High Efficiency Rectifier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

HER3003PD Datasheet(HTML) 2 Page - Thinki Semiconductor Co., Ltd.

  HER3003PD Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. HER3003PD Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1 - FORWARD CURRENT DERATING CURVE
FIG.3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
30
15
10
5
20
25
1.0
15
150
0.1
0.4
0.2
0.6
0.8
1.0
1.2
1.4
1.6
0
0
50
100
150
LEAD TEMPERATURE,
oC
INSTANTANEOUS FORWARD VOLTAGE,
VOLTS
FIG.2 - MAXIMUM NON-REPETITIVE
PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
0
50
100
150
200
250
300
1
10
100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
0.01
0
0.1
1
100
10
20
40
60
80
100
FIG.5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, VOLTS
0.1
10
1000
1.0
4.0
10
100
100
60 Hz Resistive or
Inductive load
Pulse Width 8.3ms
Single Half-Sire-Wave
(JEDEC Method)
TJ=25
oC
PULSE WIDTH=300uS
1% DUTY CYCLE
TJ=125
oC
TJ=25
oC
TJ = 25
oC
f = 1.0 MHZ
Vsig = 50mVp-p
HER3003PT
HER3005PT
HER3006PT
.
.
.
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 2/2
Rev.02
®
HER3003PT thru HER3006PT


Similar Part No. - HER3003PD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER3003PA THINKISEMI-HER3003PA Datasheet
274Kb / 2P
   30.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER3003PL THINKISEMI-HER3003PL Datasheet
275Kb / 2P
   30.0 Ampere Heatsink Dual Series Connection High Efficiency Rectifiers
HER3003PR THINKISEMI-HER3003PR Datasheet
274Kb / 2P
   30.0 Ampere Heatsink Dual Doubler Polarity High Efficiency Rectifiers
logo
HY ELECTRONIC CORP.
HER3003PT HY-HER3003PT Datasheet
414Kb / 3P
   High Efficiency Glass Passivated Rectifiers
logo
Thinki Semiconductor Co...
HER3003PT THINKISEMI-HER3003PT Datasheet
297Kb / 2P
   30.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
More results

Similar Description - HER3003PD

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
HER3002PT THINKISEMI-HER3002PT Datasheet
297Kb / 2P
   30.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifiers
VF30D20C THINKISEMI-VF30D20C Datasheet
1Mb / 3P
   30.0 Ampere Heat Sink Dual Common Cathode High Efficiency Half Bridge Rectifiers
HER1601G THINKISEMI-HER1601G Datasheet
442Kb / 2P
   16.0 Ampere Heatsink Dual Common Cathode High Efficiency Rectifier
MBR3035PT THINKISEMI-MBR3035PT Datasheet
591Kb / 2P
   30.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
HER3002PA THINKISEMI-HER3002PA Datasheet
274Kb / 2P
   30.0 Ampere Heatsink Dual Common Anode High Efficiency Rectifiers
HER3001C THINKISEMI-HER3001C Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Common Cathode High Efficiency Rectifier Diodes
HER3001PT THINKISEMI-HER3001PT Datasheet
1Mb / 3P
   30 Ampere Heat Sink Dual Common Cathode High Efficiency Rectifier Diodes
MUR3020PT THINKISEMI-MUR3020PT Datasheet
721Kb / 2P
   30.0 Ampere Dual Common Cathode Ultra Fast Recovery Rectifiers
SF3004PT THINKISEMI-SF3004PT Datasheet
706Kb / 2P
   30.0 Ampere Dual Common Cathode Super Fast Recovery Rectifiers
30F20FA THINKISEMI-30F20FA Datasheet
278Kb / 2P
   30.0 Ampere Insulated Dual Common Cathode Fast Recovery Rectifiers
Rev.12T
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com