Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

09108 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 09108
Description  JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

09108 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  09108 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DRAWING NUMBER
09105
DATE:
June
2013
JEWEL® WRISTBAND, ELASTIC, ADJUSTABLE
© 2013 DESCO INDUSTRIES INC.
Employee Owned
A.
Insulating cap, polycarbonate plastic. Jewel® logo molded into cap.
B.
300 series stainless steel backplate (0.016" thick). Manufacturing date
code is stamped into stainless steel backplate.
C.
Small cam lock, allows material replacement. 300 series stainless steel.
D.
Large cam lock, allows size adjustment, maintains electrical
continuity even when open. 300 series stainless steel.
E.
Floating cam lock allows wide opening for easy adjustment and
secures material down against base plate when closed.
F.
4mm snap stud machined from 300 series stainless steel. Fits to 4mm
spring loaded medical type socket. Coil cord disengages from snap with
1-5 lbs. of perpendicular force. Durable, providing long life well beyond
that of sheet metal snaps.
G. Knit elastic band material of light blue fiber; .875" (22mm) wide
and 0.10" (2.5mm) thick. 50 strands of textured polyester, 36 strands of
lycra spandex and 14 strands of silver plated polypropylene yarn. Made
with pure silver irreversibly bound to fibers providing both antimicrobial
and anti-odor performance. Outer surface of grey fibers act as an
insulator.
H.
The conductive silver plated polypropylene (see G) represents
13.5% of the material by weight. The 14 strands of conductive
polypropylene are randomly knit on the inner surface of the material
and are electrically isolated from the outer surface (grey side).
I.
Underwriters Laboratory listing 90P1C.
Jewel® Wrist Bands and Coil Cords meet and exceed the Wrist Band and Wrist Cord
requirements of ANSI/ESD S20.20 except that ESD S1.1 paragraph 5.9 states “Only wrist
straps incorporating a nonstandard [resistor] value shall use the color red on any portion
of the wrist strap.”
DESCO WEST: 3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: Desco.com
PHONE (909) 627-8178
DESCO EAST: ONE COLGATE WAY, CANTON, MA 02021-1407
PHONE (781) 821-8370
Band
Band w/6'
Band w/10'
Color
Only
Coil Cord
Coil Cord
09105
09100
09130
Sapphire
09108
09104
N/A
Emerald
09140
Elastic Replacement Strip
Jewel® Lifetime Limited Warranty
Desco expressly warrants that for a period of 1 year from the date of purchase, Desco Jewel® Wrist
Straps and Coil Cords will be free of defects in material (parts) and workmanship (labor). In addition,
normal use will not cause Coil Cord resistor strain relief connection or Wrist Band 4 mm snap stud
to wear sufficiently to open path-to-ground circuit. Within the lifetime warranty period, a credit for
purchase of replacement Desco Jewel® products, or, at Desco’s option, the Desco Jewel® product will
be repaired or replaced free of charge. If product credit is issued, the amount will be calculated based
upon the original invoice purchase price.
Made in the
United States of America
See drawing 09120 for coil cord specifications.
Circumference:
Min: 2.5" (63.5mm)
Max: 13" (330mm)
Width: 0.875" (22mm)
CAM CENTER OPEN
CAM CENTER CLOSED
Unless otherwise noted, tolerance is ±10%
Specifications and procedures subject to change without notice.


Similar Part No. - 09108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09108 ETC2-09108 Datasheet
203Kb / 1P
   JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
More results

Similar Description - 09108

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09104 ETC2-09104 Datasheet
203Kb / 1P
   JEWEL WRISTBAND, ELASTIC, ADJUSTABLE
logo
3M Electronics
2272 3M-2272 Datasheet
126Kb / 1P
   3M Wrist Strap - Adjustable Elastic Fabric (Economy Performance)
logo
PANDUIT CORP.
10B015EG PANDUIT-10B015EG Datasheet
32Kb / 1P
   POLYESTER ELASTIC
logo
Dallas Semiconductor
DS2175 DALLAS-DS2175 Datasheet
243Kb / 12P
   T1/CEPT Elastic Store
logo
Maxim Integrated Produc...
DS2175 MAXIM-DS2175 Datasheet
246Kb / 12P
   T1/CEPT Elastic Store
092099
logo
Pomona Electronics
6081 POMONA-6081 Datasheet
18Kb / 1P
   Wrist Strap, Elastic, ESD
logo
3M Electronics
BLUEWS 3M-BLUEWS Datasheet
324Kb / 1P
   Adustable Elastic Fabric(Standard Performance)
logo
Pomona Electronics
6082 POMONA-6082 Datasheet
23Kb / 1P
   Elastic Wrist Strap With Clip & Cord
logo
Glenair, Inc.
181-052 GLENAIR-181-052 Datasheet
259Kb / 1P
   Size 16 Fiber Optic Jewel Pin Terminus
181-053 GLENAIR-181-053 Datasheet
246Kb / 1P
   Size 16 Fiber Optic Jewel Socket Terminus
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com