Selected language     English  ▼


Z-15GD55-B Datasheet(PDF) 11 Page - Omron Electronics LLC

Part No. Z-15GD55-B
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 11 page
background image
11
Z
Z
Operating
characteristics
Z-15GK355-B
OF max.
540 g
RF min.
114 g
PT max.
2.4 mm (0.09)
OT min.
3.5 mm (0.14)
MD max.
0.06 mm (0.002)
OP
37.8
± 1.2 mm
(1.49
± 0.05)
Z-15GK355-B
Z-15GQ55-B, Z-15HQ55-B
Operating
characteristics
Z-15GQ55-B
Z-15GH55-B
OF max.
540 g
400 g
RF min.
114 g
114 g
PT min.
1.8 mm (0.07)
1.7 mm (0.07)
OT min.
5.5 mm (0.22)
5.5 mm (0.22)
MD max.
0.06 mm (0.002) 0.04 mm (0.002)
OP
21.8
± 0.8 mm
21.8
± 0.8 mm
(0.86
± 0.03)
(0.86
± 0.03)
Operating
characteristics
Z-15GQ2255-B
OF max.
540 g
RF min.
114 g
PT max.
1.8 mm (0.07)
OT min.
3.58 mm (0.14)
MD max.
0.06 mm (0.002)
OP
33.4
± 1.2 mm
(1.31
± 0.05)
Z-15GQ2255-B
Note: 1. Unless otherwise specified, a tolerance of
± 0.4 mm applies to all dimensions.
2. For smaller diameter mounting holes, please consult OMRON.
3. All drawings show the switches with screw terminals. For solder terminals, remove the “-B” from the end of the part number.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl