Selected language     English  ā–¼


Z-15GK355-B Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. Z-15GK355-B
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 1 page
background image
Basic Switch
Z
General Purpose Basic Switch
s
High precision basic switch in a variety
of styles
s
Wide margins of operating conditions
increase the operating speed range
s
Available in general purpose and drip-
proof types
Ordering Information
Pin plunger
Slim spring
Short spring
Spring
Panel mount
Panel mount
Panel mount
plunger
plunger
plunger
plunger
roller plunger
cross roller plunger
Hinge lever
Low-force
Low-force wire
Short hinge
Hinge roller
Unidirectional
Flexible rod
hinge lever
hinge lever
roller lever
lever
short hinge
roller lever
Operating
Part Number
Actuator
Characteristics
Rated Current
Solder Terminal
Screw Terminal
Pin plunger
15 A
Z-15G
Z-15G-B
Slim spring plunger
15 A
Z-15GS
Z-15GS-B
Short spring plunger
Low OP
15 A
Z-15GD
Z-15GD-B
Panel mount plunger
Middle OP
15 A
Z-15GQ
Z-15GQ-B
Panel mount roller plunger
15 A
Z-15GQ22
Z-15GQ22-B
Panel mount cross roller plunger
15 A
Z-15GQ21
Z-15GQ21-B
Hinge lever
Low OF
15 A
Z-15GW
Z-15GW-B
Low-force hinge lever
15 A
Z-15GW4
Z-15GW4-B
Short hinge roller lever
15 A
Z-15GW22
Z-15GW22-B
Hinge roller lever
Parallel
15 A
Z-15GW2
Z-15GW2-B
Unidirectional short hinge roller lever
Low OF
15 A
Z-15GW2277
Z-15GW2277-B
GENERAL PURPOSE TYPE
Standard
GENERAL PURPOSE




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl