Selected language     English  ▼


Z-15GK355-B Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. Z-15GK355-B
Description  Basic Switch
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

 
 2 page
background image
2
Z
Z
Operating
Part Number
Actuator
Characteristics
Rated Current
Solder Terminal
Screw Terminal
Pin plunger
15 A
Z-15H-B
Low-force hinge lever
15 A
Z-15HW24-B
Low-force, wire hinge lever
Low OF
15 A
Z-15HW78
Z-15HW78-B
Short hinge roller lever
15 A
Z-15HW22-B
GENERAL PURPOSE TYPE
High-sensitivity
Operating
Rated
Contact
Part Number
Actuator
Characteristics
Current
Gap
Solder Terminal
Screw Terminal
Slim spring plunger
15 A
0.5 mm
Z-15GS55
Z-15GS55-B
Short spring plunger
15 A
0.5 mm
Z-15GD55
Z-15GD55-B
Spring plunger
Middle OP
15 A
0.5 mm
Z-15GK55
Z-15GK55-B
High OP
15 A
0.5 mm
Z-15GK355
Z-15GK355-B
Panel mount plunger
Middle OP
15 A
0.5 mm
Z-15GQ55
Z-15GQ55-B
Panel mount roller plunger
15 A
0.5 mm
Z-15GQ2255-B
Panel mount cross roller plunger
15 A
0.5 mm
Z-15GQ2155-B
Hinge lever
Low OF
15 A
0.5 mm
Z-15GW55
Z-15GW55-B
Short hinge roller lever
15 A
0.5 mm
Z-15GW2255
Z-15GW2255-B
Hinge roller lever
Parallel
15 A
0.5 mm
Z-15GW255
Z-15GW255-B
Flexible rod
High OF
15 A
0.5 mm
Z-15GNJ55
Z-15GNJ55-B
DRIP-PROOF TYPE
Standard
Operating
Rated
Contact
Part Number
Actuator
Characteristics
Current
Gap
Solder Terminal
Screw Terminal
Panel mount plunger
Middle OP
15 A
0.25 mm
Z-15HQ55-B
Flexible rod
High OF
15 A
0.25 mm
Z-15HNJS55-B
DRIP-PROOF TYPE
High-sensitivity
Note: For smaller mounting hole types, please consult OMRON.
Type
Contact gap
Features
General purpose
H: 0.25 mm
Pin plunger and lever types available.
(high sensitivity)
Drip-proof and flexible rod types are also available.
G: 0.5 mm (standard)
Drip-proof
H: 0.25 mm
The pin plunger is sealed from the other switch mechanisms by a resilient rubber,
(high sensitivity)
and the case and cover are sealed by adhesive so that the switch is resistant to
G: 0.5 mm (standard)
humidity, oil and dust. The degree of protection conforms to IEC IP63.
s BASIC CONTACT FORM
Basic Contact form




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl