Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6639S-1-102 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # 6639S-1-102
Description  Precision Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

6639S-1-102 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  6639S-1-102 Datasheet HTML 1Page - Bourns Electronic Solutions 6639S-1-102 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Essentially infinite resolution
Excellent rotational life
High quality, rugged construction
General purpose applications
Non-standard features available
Cost and space saving
6539/6639 - Precision Potentiometer
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics1
6539 Servo Mount
6639 Bushing Mount
Standard Resistance Range................ 1 K to 100 K ohms......................1 K to 100 K ohms
Total Resistance Tolerance.................. ±15 % .........................................±15 %
Independent Linearity .......................... ±2.0 % ........................................±2.0 %
Effective Electrical Angle ..................... 340 ° +3 ° ...................................340 ° +3 °
End Voltage ......................................... 0.5 % maximum .........................0.5 % maximum
Output Smoothness............................. 0.1 % ..........................................0.1 %
Dielectric Withstanding Voltage (MIL-STD-202, Method 301)
Sea Level......................................... 750 VAC minimum .....................750 VAC minimum
Power Rating (Voltage Limited By Power Dissipation or 300 VAC, Whichever is Less)
+70 °C.............................................. 1.0 watt.......................................1.0 watt
+125 °C............................................ 0 watt..........................................0 watt
Insulation Resistance (500 VDC) ........ 500 megohms minimum.............500 megohms minimum
Resolution............................................ Essentially infinite.......................Essentially infinite
Environmental Characteristics1
Operating Temperature Range ............ +1 °C to +125 °C........................-40 °C to +125 °C
Storage Temperature Range ............... -65 °C to +125 °C.......................-65 °C to +125 °C
Temperature Coefficient
Over Storage Temperature Range ...... ±500 ppm/°C maximum..............±500 ppm/°C maximum
Vibration .............................................. 15 G ...........................................15 G
Wiper Bounce .................................. 0.1 millisecond maximum...........0.1 millisecond maximum
Total Resistance Shift ...................... ±10 % .........................................±10 %
Voltage Ratio Shift ........................... ±0.5 % ........................................±0.5 %
Shock................................................... 50 G ...........................................50 G
Wiper Bounce .................................. 0.1 millisecond maximum...........0.1 millisecond maximum
Total Resistance Shift ...................... ±5 % ...........................................±5 %
Voltage Ratio Shift ........................... ±0.5 % ........................................±0.5 %
Load Life.............................................. 1,000 hours, 1 watt.....................1,000 hours, 1 watt
Total Resistance Shift ...................... ±10 % .........................................±10 %
Rotational Life (No Load)..................... 10,000,000 shaft revolutions ......10,000,000 shaft revolutions
Total Resistance Shift ...................... ±10 % maximum ........................±10 % maximum
Moisture Resistance (MIL-STD-202, Method 106)
Total Resistance Shift ...................... ±15 % .........................................±15 %
IP Rating.............................................. IP 40...........................................IP 40
Mechanical Characteristics1
Mechanical Angle ..........................................................Continuous, Stops (340 ° +8 °, -0 °) available
Torque (Starting & Running)2 ...................................................................0.40 N-cm (0.5 oz.-in.) max.
Mounting ..............................................................................170-200 N-cm (15-18 lb.-in.) maximum
Shaft Runout.................................................................................................0.13 mm (0.005 in.) T.I.R.
Lateral Runout ..............................................................................................0.08 mm (0.003 in.) T.I.R.
Shaft End Play..............................................................................................0.13 mm (0.005 in.) T.I.R.
Shaft Radial Play ..........................................................................................0.13 mm (0.005 in.) T.I.R.
Pilot Diameter Runout ................................................................................0.06 mm (0.0025 in.) T.I.R.
Backlash ....................................................................................................................... 0.1 º maximum
Weight ....................................................... 18 gm (6539 Servo Mount), 24 gm (6639 Bushing Mount)
Terminals ................................................................................................................... Rear Turret Type
Soldering Condition
Manual Soldering.................................96.5Sn/3.0Ag/0.5Cu solid wire or no-clean rosin cored wire
370 °C (700 °F) max. for 3 seconds
Wave Soldering ........................................................ 96.5Sn/3.0Ag/0.5Cu solder with no-clean flux
260 °C (500 °F) max. for 5 seconds
Wash processes ..................................................................................................Not recommended
Marking................................................. Manufacturer’s name and part number, resistance value and
tolerance, linearity tolerance, wiring diagram, and date code.
Ganging (Multiple Section Pots) .................................................................................. 1 cup maximum
Hardware (6639 only) ................................. One lockwasher (H-37-2) and one mounting nut (H-38-2)
is shipped with potentiometer.
1At room ambient: +25 °C nominal and 50 % relative humidity nominal, except as noted.
22.82 N-cm (4.0 oz.-in.) max. at -40 °C.
Product Dimensions
BO
URNS
31
2
30 °±3 °
TYP.
CW
65/6639
6539
6639
3/8 " - 32 UNEF
1
3 CW
CLOCKWISE
CCW
2 WIPER
12.70 ± .38
(.500 ± .015)
3.170 +.000/-.008
(.1248+.0000/-.0003)
DIA. SHAFT
45° ± 5 ° x
(.010)
CHAMFER
.25
1.57
(.062)
1.57
(.062)
1.57
(.062)
19.050+ 000/-.012
(.750+.0000/-.0005)
19.81
(.780)
DIA.
.51
(.020)
REF
12.70 ± .79
(.500 ± .031)
3.18
(.125)
22.23
(.875)
DIA.
11.25 ± .38
(.443 ± .015)
1.57
(.062)
22.23
(.875)
DIA.
6.342+.000/-.008
(.2497+.0000/-.0003)
DIA. SHAFT
SLOT
(.047)
X
(.063)
1.19
1.60
10.317+.000/-.051
(.4062+.000/-.002)
DIA.
3.18
(.125)
.25
(.010)
REF
9.53 ± .79
(.375 ± .031)
22.23 ± .76
(.875 ± .03)
R
4.83
(.19)
TOLERANCES: EXCEPT WHERE NOTED
.51
.13
DECIMALS: .XX ±
(.020)
.XXX ±
(.005)
FRACTIONS: ±1/64
MM
DIMENSIONS:
(IN.)
45° ± 5 ° x
(.010)
CHAMFER
.25


Similar Part No. - 6639S-1-102

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6639S BOURNS-6639S Datasheet
124Kb / 3P
   Precision Potentiometer
More results

Similar Description - 6639S-1-102

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3500S-1-102L BOURNS-3500S-1-102L Datasheet
231Kb / 2P
   Precision Potentiometer
3400 BOURNS-3400_13 Datasheet
195Kb / 2P
   Precision Potentiometer
3548H BOURNS-3548H Datasheet
289Kb / 4P
   Precision Potentiometer
3540 BOURNS-3540 Datasheet
211Kb / 2P
   Precision Potentiometer
6538S BOURNS-6538S Datasheet
61Kb / 4P
   Precision Potentiometer
6638 BOURNS-6638_08 Datasheet
185Kb / 1P
   Precision Potentiometer
6674 BOURNS-6674_11 Datasheet
181Kb / 2P
   Precision Potentiometer
3590S-2-L BOURNS-3590S-2-L Datasheet
254Kb / 4P
   Precision Potentiometer
3590 BOURNS-3590 Datasheet
241Kb / 1P
   Precision Potentiometer
logo
Bi technologies
5311 BITECH-5311 Datasheet
77Kb / 3P
   Precision Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com