Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6657S Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # 6657S
Description  Precisions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

6657S Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  6657S Datasheet HTML 1Page - Bourns Electronic Solutions 6657S Datasheet HTML 2Page - Bourns Electronic Solutions 6657S Datasheet HTML 3Page - Bourns Electronic Solutions 6657S Datasheet HTML 4Page - Bourns Electronic Solutions 6657S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Headquarters Riverside CA
www.bourns.com
page 5 of 5
Copper
7440-50-8
0-20%
Nickel
7440-02-0
0-20%
Palladium
7440-05-3
40-60%
Platinum
7440-06-4
0-20%
28
Contact Spring
Palmet Alloy
0.0425
Silver
7440-22-4
20-40%
0.1287%
Total weight
33.012475


Similar Part No. - 6657S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6657S-1-102 BOURNS-6657S-1-102 Datasheet
227Kb / 1P
   Precision Potentiometer
6657S-1-102 BOURNS-6657S-1-102 Datasheet
181Kb / 2P
   Precision Potentiometer
6657S-1-103 BOURNS-6657S-1-103 Datasheet
227Kb / 1P
   Precision Potentiometer
6657S-1-103 BOURNS-6657S-1-103 Datasheet
181Kb / 2P
   Precision Potentiometer
6657S-1-202 BOURNS-6657S-1-202 Datasheet
227Kb / 1P
   Precision Potentiometer
More results

Similar Description - 6657S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3751H-L BOURNS-3751H-L Datasheet
54Kb / 6P
   Precisions
6637S BOURNS-6637S Datasheet
44Kb / 3P
   Precisions
3750S-L BOURNS-3750S-L Datasheet
180Kb / 5P
   Precisions
6638S BOURNS-6638S Datasheet
40Kb / 3P
   Precisions
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com