Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10344 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 10344
Description  Micastat Dissipative Laminate
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

10344 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  10344 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DATE:
June
2013
© 2013 DESCO INDUSTRIES INC.
Employee Owned
MATERIAL TYPE
MICASTAT
DRAWING 10200
Electrical Properties:
Because the electrical properties of many high pressure laminates have some degree of humidity dependence, all high pressure laminate
materials should be carefully tested for adequate performance at low humidity prior to selection and installation.
Property
Value
Test Method
Rtt:
1 x 106 to < 1 x 1010 ohms
ANSI/ESD S4.1
Rtg:
1 x 106 to < 1 x 1010 ohms
ANSI/ESD S4.1
RVOL:
Less than 108 ohms
ASTM-D257
Charge Decay:
<0.009 seconds
FTMS-101C, Method 4046
Measured at 50% and 12% relative humidity. Test reports available upon request. Color and texture may vary between lots and mills.
Specifications:
Construction:
High pressure thermoset amino resin laminate
Thickness:
Nominal 0.038" (0.96mm)
Radius:
1.5" radius corner
Surface:
Top - non-glare matte finish
Post Forming:
5/8" radius, NEMA LD 3.14
Weight:
0.31 lbs/sq ft (0.151 grams/cm2)
Abrasion Resistance: Exceeds NEMA LD 3-3.01 Standards
Chemical Resistance: Unaffected by most solvents
Heat Resistance:
NEMA LD 3-3.06, 160°F (71°C) continuous
Cleaning: For optimum electrical performance of your ESD worksurface, clean regularly with an ESD mat cleaner. We suggest using
Reztore™ Surface & Mat Cleaner, Item #10435 or Static-Wipes Item #10600. Do not use cleaners with silicone. Silicone buildup will
create an insulative film on the surface.
Grounding: This material must be properly grounded for optimal electrical performance. See Laminate Grounding Systems and
Technical Bulletin TB-2091 - Micastat® Static protective laminate: Installation and maintenance.
Disclaimer:
All statements, technical data, and recommendations contained
herein are based upon tests we believe to be reliable. However, the
accuracy or completeness thereof is not guaranteed. The proper
and correct applications of products and data is the responsibility
of the user. Statements or recommendations not contained herein
shall have no force or effect unless embodied in a written agreement
signed by authorized officers of Desco Industries, Inc.
Description:
The premium choice for ESD bench dissipative worksurfaces. Provides a durable and attractive ESD controlled dissipative
worksurface. Resists hot solder and most solvents; exceeds NEMA standards for wear resistance. Conductive layer provides
superior charge dissipation and zero voltage suppression.
DESCO WEST: 3651 WALNUT AVE., CHINO, CA 91710 WEB SITE: Desco.com
PHONE (909) 627-8178
DESCO EAST: ONE COLGATE WAY, CANTON, MA 02021-1407
PHONE (781) 821-8370
RoHS 2 and REACH Statement
None of the RoHS 2 restricted materials or REACH substances
of very high concern are intentionally added in manufacturing
this product. Ref: European Union Directive 2011/65/EU and
Regulation (EC) No. 1907/2006/CE.
Limited Warranty:
Desco warrants for one year that Micastat® dissipative laminate
products will be free of defects in materials and workmanship
and will guarantee dissipative / conductive laminate properties
for the life of the product. Damage to laminate caused by misuse
of any kind, including using inappropriate cleaners is not covered
by Desco Limited Warranty.
Common Point
Ground 09826
3/8" Female
Snap Installed
Bench Pad
Micastat® Kits - Item Numbers
Grounding Hardware Included
Special sizes available upon request.
Top -- non-glare matte finish.
Bottom -- Double sided tape to attach.
Color
Beige
Blue
Grey
24" x 36"
10310
10344
10342
24" x 48"
10350
10384
10382
Look for the Micastat®
brand on Desco laminate
sheets - for your
protection and auditing
purposes.
Micastat® Sheet
Size
30" x 10'
30" x 12'
36" x 8'
36" x 10'
36" x 12'
48" x 8'
48" x 12'
60" x 12'
Blue
10180
10181
10182
10183
10184
10185
10187
10190
Beige
10200
10202
10203
10204
10206
10208
10212
10215
White
10240
10242
10243
10244
10246
10248
10252
10255
Grey
10290
10291
10292
10293
10294
10295
10297
10300
Special sizes available upon
request.
Top -- non-glare matte finish.
Grounding hardware not included.
Micastat® Ground Kits 14246 &
14244 are recommended.
Ask for Technical Bulletin
TB-2091 for further information.
Micastat® Sheets - Item Numbers
Micastat® Dissipative Laminate
Tolerance for Kits only:
Width ± 0.250"
Length ± 0.250" every 1 linear foot of running material.
Specifications and procedures subject to change without notice.
Tolerance for Sheets only:
Published Sheet sizes are oversized typically by ¾" to 1.0" in both width and length directions
Published Dimensions are ± 0.250"


Similar Part No. - 10344

ManufacturerPart #DatasheetDescription
logo
Heyco.
10344 HEYCO-10344 Datasheet
106Kb / 1P
   Nylon PCB Supports - Imperial Spacing
logo
PHOENIX CONTACT
1034421 PHOENIX-1034421 Datasheet
196Kb / 5P
   PCB terminal block - SPT 2,5/ 4-V-EX PROFINET 1
logo
Lapp.
10344300 LAPP-10344300 Datasheet
151Kb / 2P
   EPIC® MCS 8 RJ45 / MCB 8 RJ45
17.09.2018
logo
PHOENIX CONTACT
1034440 PHOENIX-1034440 Datasheet
386Kb / 10P
   PV-FT-CM-C-2,5-130-RD-FE10 - Device connector front mounting
1034442 PHOENIX-1034442 Datasheet
366Kb / 10P
   PV-FT-CF-C-2,5-130-BU-FE10 - Device connector front mounting
More results

Similar Description - 10344

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
35276 ETC2-35276 Datasheet
245Kb / 1P
   Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
   Blue Dissipative Bottles
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
   Static Dissipative Finger Cots
logo
List of Unclassifed Man...
47200 ETC-47200 Datasheet
531Kb / 1P
   ESD DISSIPATIVE TURNTABLE
June 2016
49109 ETC2-49109 Datasheet
35Kb / 1P
   TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
logo
Kingboard Laminates Hol...
KB-2150G KINGBOARD-KB-2150G Datasheet
348Kb / 2P
   Copper-clad phenolic resin paper-based laminate
logo
List of Unclassifed Man...
16260 ETC2-16260 Datasheet
51Kb / 2P
   STATFREE MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 (2.5MM)
47511 ETC2-47511 Datasheet
67Kb / 1P
   Dissipative Card Holder, With ESD Susceptibility Symbol
16251 ETC2-16251 Datasheet
108Kb / 1P
   STATFREE B MATERIAL, VINYL, DISSIPATIVE, HOMOGENEOUS, .100 & .060
logo
Kingboard Laminates Hol...
KB-6165F KINGBOARD-KB-6165F Datasheet
367Kb / 2P
   Copper clad epoxy fiberglass cloth laminate
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com