Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3549H-1BD-502 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # 3549H-1BD-502
Description  3549 - 10-Turn Precision Potentiometer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

3549H-1BD-502 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  3549H-1BD-502 Datasheet HTML 1Page - Bourns Electronic Solutions 3549H-1BD-502 Datasheet HTML 2Page - Bourns Electronic Solutions 3549H-1BD-502 Datasheet HTML 3Page - Bourns Electronic Solutions 3549H-1BD-502 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
3549 - 10-Turn Precision Potentiometer
Product Dimensions
30 ° ± 5 °
12.649 ± 0.254
(.498 ± .010)
MOUNTING FACE
16.256
(.640)
MAX.
R
DIA.
DIA.
22.479 ± 0.812
(.885 ± .032)
19.812 ± 0.812
(.780 ± .032)
6.86 ± 0.25
(.270 ± .010)
1.524 ± 0.254
(.060 ± .010)
20.617 ± 0.787
(.812 ± .031)
7.92 ± 0.381
(.312 ± .015)
SHAFT DIMENSION “A”
10.287 + 0.00/-0.05
(.405 +0.00/-.002)
12.7 ± 0.254
(.500 ± .010)
5.715 ± 0.381
(.225 ± .015)
0.762
(.030)
0.813
(.032)
14.046 ± 0.381
(.553 ± .015)
18.446 ± 0.381
(.726 ± .015)
MOUNTING SURFACE
BUSHING TYPE “B”
ADJUSTMENT SLOT:
WIDE X
0.813
(.032)
DEEP
1.499
(.059)
OPTIONAL ANTI-
ROTATIONAL PIN
AND
7.366
(.290)
RADIUS
1.016
(.040)
FROM MOUNTING
SURFACE ON
R
2
1
3
TOLERANCES: EXCEPT WHERE NOTED
DECIMALS: .XX ±
.XXX ±
.XXXX ±
DIMENSIONS:
1
3 CW
CLOCKWISE
CCW
2 WIPER
.50
(.02)
.127
(.005)
.0127
(.0005)
MM
(IN)
Shaft Dimension "A"
6.34 +0/-0.022
(0.249 +0/-0.0009)
6.00 +0/-0.022
(0.236 +0/-0.0009)
6.34 +0/-0.007
(0.249 +0/-0.0003)
6.00 +0/-0.007
(0.236 +0/-0.0003)
Bushing
Selection
Code
A
B
C
D
Bushing Type "B"
3/8 " 32-UNEF- 2A THD.
M9 X 0.75-8g
3/8 " 32-UNEF- 2A THD.
M9 X 0.75-8g
Shaft Material
Nickel Plated Brass
Nickel Plated Brass
Stainless Steel
Stainless Steel
Bushing Material
Brass
Brass
Bronze
Bronze
Single Gang, Bushing Mount
30 ° ± 5 °
12.649 ± 0.254
(.498 ± .010)
MOUNTING FACE
16.256
(.640)
MAX.
R
DIA.
22.479 ± 0.812
(.885 ± .032)
DIA.
6.86 ± 0.25
(.270 ± .010)
1.52
(.060)
20.643 ± 0.787
(.813 ± .031)
7.92 ± 0.381
(.312 ± .015)
SHAFT DIMENSION “A”
10.287 + 0.00/-0.05
(.405 +0.00/-.002)
12.7 ± 0.254
(.500 ± .010)
6.02 ± 0.381
(.237 ± .015)
0.813
(.032)
14.351 ± 0.381
(.565 ± .015)
18.796 ± 0.381
(.740 ± .015)
MOUNTING SURFACE
BUSHING TYPE “B”
ADJ. SLOT:
WIDE X
0.813 ± .0004
(.032 ± .010)
DEEP
1.499
(.059)
OPTIONAL ANTI-
ROTATIONAL PIN
AND
7.366
(.290)
RADIUS
1.016
(.040)
FROM MOUNTING
SURFACE ON
26.467 ± 0.762
(1.042 ± .030)
34.798 ± 0.762
(1.370 ± .030)
39.243 ± 0.762
(1.545 ± .030)
40.259 ± 0.762
(1.585 ± .030)
2
2
1
1
3
3
1
3 CW
CCW
1
3 CW
CLOCKWISE
CCW
WIPER
2
2
Dual Gang, Bushing Mount


Similar Part No. - 3549H-1BD-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549H-1BD-503 BOURNS-3549H-1BD-503 Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549H-1BD-503A BOURNS-3549H-1BD-503A Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
More results

Similar Description - 3549H-1BD-502

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3549H-1AE-102B BOURNS-3549H-1AE-102B Datasheet
409Kb / 4P
   3549 - 10-Turn Precision Potentiometer
3549S-2AA-103 BOURNS-3549S-2AA-103 Datasheet
497Kb / 4P
   3549 10Turn Precision Potentiometer
3549 BOURNS-3549 Datasheet
530Kb / 5P
   10-Turn Precision Potentiometer
logo
TT Electronics.
3371 TTELEC-3371 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
3381 TTELEC-3381 Datasheet
690Kb / 3P
   Single-Turn Precision Potentiometer
6273 TTELEC-6273 Datasheet
708Kb / 3P
   Single-Turn Precision Potentiometer
6370 TTELEC-6370 Datasheet
788Kb / 3P
   Single-Turn Precision Potentiometer
9300 TTELEC-9300 Datasheet
742Kb / 4P
   Multi-Turn Precision Potentiometer
8140 TTELEC-8140 Datasheet
1,006Kb / 4P
   Multi-Turn Precision Potentiometer
logo
Bourns Electronic Solut...
3548 BOURNS-3548 Datasheet
414Kb / 4P
   5-Turn Precision Potentiometer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com