Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

39064 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 39064
Description  Plastek In-Plant Handlers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

39064 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  39064 Datasheet HTML 1Page - List of Unclassifed Manufacturers 39064 Datasheet HTML 2Page - List of Unclassifed Manufacturers 39064 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
www.protektivepak.com
DRAWING NUMBER
38920
DATE:
8/07
Plastek™ In-Plant Handlers
© 2007 DESCO INDUSTRIES INC.
Employee Owned
SPECIFICATIONS
Properties
Typical Values
Resin Type
Polypropylene
Conductive
Permanently
Average Surface Resistivity
10E2 - 10E4 ohms
Humidity Independent
Yes
Provides ESD Shielding
Yes
Temperature Tolerance
-17° F to +230° F
Melting Point
324° F
Features
• Provides physical protection with conductive material, providing
reliable path-to-ground
• Many sizes available to optimize fit to your product size
• Rolled over side construction (double thickness) for greater
strength
• Static dissipative foam bottom, providing ESD and shock
protection
• Includes steel wire frame for extra strength
• Conductive plastic hand holes for ease of handling, while
providing reliable path-to-ground
• Static Dissipative partitions made from Protektive Pak®
impregnated corrugated material
• Product ships assembled
• Conductive 10E2 - 10E4 ohm material provides reliable path-to-
ground
• Superior strength and durability; made from extruded, high
impact polypropylene materials
• Chemical and moisture resistant
• Ideal for use where corrugated and/or paper products cannot be
used
• Economical alternative to injection molded products
• Reusable, ensuring best value*
• Made in America
Made in America


Similar Part No. - 39064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39064 ETC2-39064 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
39064 ETC2-39064 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
logo
Alpha Wire
390645 ALPHAWIRE-390645 Datasheet
97Kb / 3P
   Customer Specification
2/22/2023
More results

Similar Description - 39064

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
38938 ETC2-38938 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
39038 ETC2-39038 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
38980 ETC2-38980 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
38999 ETC2-38999 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
39008 ETC2-39008 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
38942 ETC2-38942 Datasheet
62Kb / 3P
   Plastek In-Plant Handlers
39696 ETC2-39696 Datasheet
67Kb / 3P
   Plastek n-Plant Handlers
37401 ETC2-37401 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
37302 ETC2-37302 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
37392 ETC2-37392 Datasheet
59Kb / 2P
   CORRUGATED IN-PLANT HANDLERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com