Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UHSOCTAX08P01 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # UHSOCTAX08P01
Description  Ultra High Speed Octax
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

UHSOCTAX08P01 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  UHSOCTAX08P01 Datasheet HTML 1Page - List of Unclassifed Manufacturers UHSOCTAX08P01 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Carlisle Interconnect Technologies / 6801 S. 180th St., Tukwila, WA 98188
Toll Free - 800.227.5953 / Fax - 425.251.8826 / CarlisleIT.com
» Capable of delivering data transfer speed of
10gbits/sec or higher
» Compliant with TIA/EIA and ISO CAT 6A
test standards
» Optimized for 1G and 10G applications
» Robust latching system
» Excellent corrosion resistance
» Excellent shell to shell conductivity
» Superb EMI shielding
» Unique contact retaining mechanism for ease of
manufacturing and field rework
» Very compact and light weight
» Highly precise CNC machined parts
» Blind-mateable and Scoop-proof
» Environmentally sealed
» ROHS compliant
KEY CHARACTERISTICS
» Ethernet and High Definition video in
aerospace applications
» High speed data loading
» Mating Cycles: >500
» Mating/Unmating Force: 2 lb/1 lb
» Contact Retaining Force: >8 lbs
» Latching Strength: >70 lbs
» Operating Temperature Range: -55˚C to 175˚C
» Weight: 4.0 grams and 6.5 with rear seal
IDEAL APPLICATION
MECHANICAL PROPERTIES
PHYSICAL PROPERTIES
UHSOCTAX08P01
» Dielectric Withstand Voltage: 1000 VDC
» Current and Voltage Rating: 4 amps and 115 VAC
» Shell to Shell Contact Resistance: <3.0 milliohms
» Insulation Resistance of Inserts: >5.0x10^9 ohms
ELECTRICAL PROPERTIES
Ultra High Speed Octax™
Plug Connector
Note: Diameter measurement does not include rear seal.


Similar Part No. - UHSOCTAX08P01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UHSOCTAX08S01 ETC2-UHSOCTAX08S01 Datasheet
545Kb / 2P
   Socket Connector with Latch
UHSOCTAX08S02 ETC2-UHSOCTAX08S02 Datasheet
550Kb / 2P
   Ultra High Speed Octax
More results

Similar Description - UHSOCTAX08P01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UHSOCTAX08S02 ETC2-UHSOCTAX08S02 Datasheet
550Kb / 2P
   Ultra High Speed Octax
logo
Intersil Corporation
HFA-0003 INTERSIL-HFA-0003 Datasheet
149Kb / 4P
   Ultra High Speed Comparator
logo
WILLAS ELECTRONIC CORP
1SS184 WILLAS-1SS184 Datasheet
149Kb / 3P
   Ultra High Speed Switching
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_02 Datasheet
669Kb / 58P
   Ultra-High-Speed Microcontroller
051302
logo
Dallas Semiconductor
DS89C420 DALLAS-DS89C420 Datasheet
539Kb / 59P
   Ultra-High-Speed Microcontroller
logo
WILLAS ELECTRONIC CORP
1SS181 WILLAS-1SS181 Datasheet
470Kb / 3P
   Ultra High Speed Switching
logo
Pasternack Enterprises,...
PE15A2002 PASTERNACK-PE15A2002 Datasheet
941Kb / 10P
   Ultra-High Speed Applications
logo
Diodes Incorporated
DA227 DIODES-DA227 Datasheet
63Kb / 4P
   Ultra high speed switching
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_05 Datasheet
485Kb / 47P
   Ultra-High-Speed Microcontroller
REV: 081805
logo
WILLAS ELECTRONIC CORP
1SS226 WILLAS-1SS226 Datasheet
468Kb / 3P
   Ultra High Speed Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com