Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-AD7689EDZ Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD7689EDZ
Description  16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7689EDZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD7689EDZ Datasheet HTML 5Page - Analog Devices EVAL-AD7689EDZ Datasheet HTML 6Page - Analog Devices EVAL-AD7689EDZ Datasheet HTML 7Page - Analog Devices EVAL-AD7689EDZ Datasheet HTML 8Page - Analog Devices EVAL-AD7689EDZ Datasheet HTML 9Page - Analog Devices EVAL-AD7689EDZ Datasheet HTML 10Page - Analog Devices EVAL-AD7689EDZ Datasheet HTML 11Page - Analog Devices EVAL-AD7689EDZ Datasheet HTML 12Page - Analog Devices EVAL-AD7689EDZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
AD7682/AD7689
Rev. D | Page 9 of 32
ABSOLUTE MAXIMUM RATINGS
Table 6.
Parameter
Rating
Analog Inputs
INx,1 COM1
GND − 0.3 V to VDD + 0.3 V
or VDD ± 130 mA
REF, REFIN
GND − 0.3 V to VDD + 0.3 V
Supply Voltages
VDD, VIO to GND
−0.3 V to +7 V
VIO to VDD
−0.3 V to VDD + 0.3 V
DIN, CNV, SCK to GND
−0.3 V to VIO + 0.3 V
SDO to GND
−0.3 V to VIO + 0.3 V
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
θJA Thermal Impedance (LFCSP)
47.6°C/W
θJC Thermal Impedance (LFCSP)
4.4°C/W
1 See the
section.
Analog Inputs
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION


Similar Part No. - EVAL-AD7689EDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-AD7689EDZ AD-EVAL-AD7689EDZ Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
More results

Similar Description - EVAL-AD7689EDZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7682 AD-AD7682 Datasheet
826Kb / 28P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADC
REV. 0
AD7949 AD-AD7949_09 Datasheet
548Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. B
AD7949 AD-AD7949_17 Datasheet
756Kb / 32P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
AD7949 AD-AD7949 Datasheet
744Kb / 28P
   14-Bit, 8-Channel, 250 kSPS PulSAR ADC
REV. A
AD7682 AD-AD7682_17 Datasheet
743Kb / 35P
   16-Bit, 4-Channel/8-Channel, 250 kSPS PulSAR ADCs
AD7699 AD-AD7699 Datasheet
542Kb / 28P
   16-Bit, 8-Channel, 500 kSPS PulSAR ADC
REV. 0
AD7689 AD-AD7689 Datasheet
1Mb / 20P
   16-Bit, 8-Channel, 250 kSPS PulSAR짰 ADC.
Rev. PrC
AD7694 AD-AD7694_05 Datasheet
348Kb / 16P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
REV. A
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com