Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

49106 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 49106
Description  TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

49106 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  49106 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PROTEKTIVE PAK
13520 MONTE VISTA AVENUE, CHINO, CA 91710
PHONE (909) 627-2578, FAX (909) 363-7331
ProtektivePak.com
DRAWING NUMBER
49100
DATE:
5/06
© 2006 DESCO INDUSTRIES INC.
Employee Owned
TRANSPARENT STATIC DISSIPATIVE (PINK POLY)
Made in America
DISSIPATIVE PINK POLY
Specifications:
Electrical Properties
Typical Values
Test Procedures/Method
Static Decay
<1.0 sec.
ASTM 101 Method 4046
Surface Resistance
< 1011 Ohms
ESD S11.11
Polycarbonate Haze
NE
72 hr contact
Corrosivity Observations
NE
MIL-STD-3010, M3005
Physical Properties
Thickness
4 mils
Melt Index
0.050 gm/10 min
ASTM D-1238
Density
0.923 gm/cc
ASTM D-1505
Dart Impact
230 gms
ASTM D-1709
Coefficient of Friction
MD 24,000 psi
ASTM D-1894 (unmodified film)
1% Secant Modulus (Stiffness)
MD 25,000 psi
ASTM D-882
Item
Size (in.)
Item
Size (in.)
No.
W x L
No.
W x L
49100
2 x 3
49110
8 x 12
49101
3 x 4
49111
10 x 12
49102
3 x 5
49112
10 x 14
49103
4 x 6
49113
10 x 20
49104
5 x 7
49114
12 x 16
49105
5 x 8
49115
14 x 16
49106
6 x 8
49116
15 x 18
49107
6 x 9
49117
16 x 20
49108
6 x 10
49118
18 x 20
49109
8 x 10
49119
18 x 24
Packaged 100 per package
RoHS Compliance Statement
None of the following materials are
intentionally added in manufacturing
this product: lead, mercury, cadmium,
hexavalent chromium, polybrominated
biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE) as outlined in
the Directive 2002/95/EC Article 4.1.
See Protektive Pak Inc. letter on-line at
ProtektivePak.com.


Similar Part No. - 49106

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
4910 BOURNS-4910 Datasheet
29Kb / 1P
   Adjustable RF Inductors
logo
3M Electronics
4910 3M-4910 Datasheet
735Kb / 9P
   VHB Tape - Specialty Tapes
logo
Keystone Electronics Co...
4910 KEYSTONE-4910 Datasheet
503Kb / 1P
   250 (6.4) PC QUICK-FIT MALE TABS
logo
Bourns Electronic Solut...
4910-S BOURNS-4910-S Datasheet
29Kb / 1P
   Adjustable RF Inductors
logo
C&D Technologies
49100 CANDD-49100 Datasheet
214Kb / 1P
   Dual Winding Surface Mount Inductors
More results

Similar Description - 49106

ManufacturerPart #DatasheetDescription
logo
Bertech.
ESDFC-B-5 BERTECH-ESDFC-B-5 Datasheet
159Kb / 1P
   Static Dissipative Finger Cots
logo
3M Electronics
8300 3M-8300 Datasheet
807Kb / 16P
   Static Dissipative Rigid Worksurface 8300 Series
2671A 3M-2671A Datasheet
1Mb / 4P
   3M™ Static Dissipative Heat Activated Cover Tape 2671A
August 2017
logo
List of Unclassifed Man...
14244 ETC2-14244 Datasheet
216Kb / 1P
   Micastat Dissipative Laminate
35276 ETC2-35276 Datasheet
245Kb / 1P
   Yellow Dissipative Bottles
35282 ETC2-35282 Datasheet
283Kb / 1P
   Blue Dissipative Bottles
47200 ETC-47200 Datasheet
531Kb / 1P
   ESD DISSIPATIVE TURNTABLE
June 2016
48515 ETC2-48515 Datasheet
173Kb / 1P
   RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
logo
NICHIA CORPORATION
NSPBR70ASS-N9 NICHIA-NSPBR70ASS-N9 Datasheet
249Kb / 13P
   PINK LED
logo
List of Unclassifed Man...
48514 ETC2-48514 Datasheet
173Kb / 1P
   RICHMOND 8300, TRANSPARENT STATIC SHIELDING BAG (METAL OUT)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com