Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q65111A0257 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # Q65111A0257
Description  TOPLED Black Series Black package with lens, enhanced Thinfilm LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q65111A0257 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button Q65111A0257 Datasheet HTML 6Page - OSRAM GmbH Q65111A0257 Datasheet HTML 7Page - OSRAM GmbH Q65111A0257 Datasheet HTML 8Page - OSRAM GmbH Q65111A0257 Datasheet HTML 9Page - OSRAM GmbH Q65111A0257 Datasheet HTML 10Page - OSRAM GmbH Q65111A0257 Datasheet HTML 11Page - OSRAM GmbH Q65111A0257 Datasheet HTML 12Page - OSRAM GmbH Q65111A0257 Datasheet HTML 13Page - OSRAM GmbH Q65111A0257 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2011-07-05
10
LR T64F, LO T64F, LY T64F
Maßzeichnung
7) Seite 15
Package Outlines7) page 15
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15pp m H
2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H
2S / 336h
Kathodenkennung:
abgeschrägte Ecke
Cathode mark:
bevelled edge
Gewicht / Approx. weight:
38 mg
Gurtung / Polarität und Lage
7) Seite 15
Verpackungseinheit 2000/Rolle, ø330 mm
Method of Taping / Polarity and Orientation
7) page 15
Packing unit 2000/reel,
ø330 mm
OHAY0476
1.5 (0.059) 2 (0.079)
4 (0.157)
3 (0.118)
8 (0.315)
Cathode/Collector Side


Similar Part No. - Q65111A0257

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65111A0256 OSRAM-Q65111A0256 Datasheet
2Mb / 24P
   Signal and Symbol Luminary
More results

Similar Description - Q65111A0257

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q65110A4110 OSRAM-Q65110A4110 Datasheet
344Kb / 19P
   Power TOPLED With Lens Enhanced Thin Film LED
LAE65F OSRAM-LAE65F Datasheet
189Kb / 13P
   Power TOPLED With Lens Enhanced Thin Film LED
LBE63C OSRAM-LBE63C Datasheet
69Kb / 16P
   Power TOPLED with Lens Enhanced Optical Power LED (ATON)
LSP47F OSRAM-LSP47F Datasheet
585Kb / 16P
   Enhanced Thinfilm LED
LAG6SP OSRAM-LAG6SP Datasheet
247Kb / 15P
   Advanced Power TOPLED Enhanced ThinFilm LED Lead (Pb) Free Product - RoHS Compliant
LSE655 OSRAM-LSE655 Datasheet
168Kb / 14P
   Power TOPLED with Lens Hyper-Bright LED
LTRBGFSF-ABCB OSRAM-LTRBGFSF-ABCB Datasheet
1Mb / 28P
   Enhanced optical Power LED (ThinFilm / ThinGaN)
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
   TOPLED Black
LTT64G OSRAM-LTT64G Datasheet
1Mb / 24P
   TOPLED Black
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
   TOPLED Black
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com