Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN-131C Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # RN-131C
Description  RN-131G & RN-131C 802.11 b/g Wireless LAN Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN-131C Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button RN-131C Datasheet HTML 5Page - List of Unclassifed Manufacturers RN-131C Datasheet HTML 6Page - List of Unclassifed Manufacturers RN-131C Datasheet HTML 7Page - List of Unclassifed Manufacturers RN-131C Datasheet HTML 8Page - List of Unclassifed Manufacturers RN-131C Datasheet HTML 9Page - List of Unclassifed Manufacturers RN-131C Datasheet HTML 10Page - List of Unclassifed Manufacturers RN-131C Datasheet HTML 11Page - List of Unclassifed Manufacturers RN-131C Datasheet HTML 12Page - List of Unclassifed Manufacturers RN-131C Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
 
www.rovingnetworks.com
Version 3.2r 4/9/2012
9
RN -13 1-DS
Grounding Recommendations
For the module antenna to function, pins 36 through 44 must be connected to ground. Roving Networks suggests you
place the module such that 0.5 mm of theses pads is exposed. This placement provides access for soldering pins 36
through 44 from below, and provides ample clearance of the antenna from the PCB. See Figure 7.
Figure 7. Module Placement for Grounding
 
Solder Reflow
The solder reflow temperature must not exceed 220° C. To reflow solder the module onto a PCB, Roving Networks
recommends an RoHS-compliant solder paste equivalent to NIHON ALMIT paste or OMNIX OM-310 solder paste from
Alpha metals. See Table 6.
NOTE: Use no-clean flux and DO NOT water wash.
Table 6. Paste Solder Recommendations
Manufacturer
Alpha Metals
http://www.alphametals.com
NIHON ALMIT Co. LTD
http://almit.co.jp
Part Number
OMNIX OM-310
LFM-70W INP
Metal Composition
SAC305 (96.5% Sn, 3% Ag, 0.5% Cu)
88% Sn, 3.5% Ag, 0.5% Bi, 8% In
Liquidus Temperature
~220°C
~215°C
Figures 8 and 9 show the solder reflow temperature profiles.
RN-131
For Proper Antenna
Performance, Pins 36
Through 44 Must be
Grounded
8.5 mm
Bottom View
Motherboard
for RN-131


Similar Part No. - RN-131C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
logo
Microchip Technology
RN-131-PICTAIL MICROCHIP-RN-131-PICTAIL Datasheet
8Mb / 20P
   16-bit Embedded Control Solutions
11/27/12
More results

Similar Description - RN-131C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
logo
Microchip Technology
RN-171-DS MICROCHIP-RN-171-DS Datasheet
2Mb / 16P
   RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
RN171 MICROCHIP-RN171 Datasheet
558Kb / 30P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
RN1723 MICROCHIP-RN1723 Datasheet
306Kb / 32P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
logo
List of Unclassifed Man...
RN-41-DS ETC2-RN-41-DS Datasheet
671Kb / 12P
   RN-41/RN-41-N Class 1 Bluetooth Module
RN-42-DS ETC2-RN-42-DS Datasheet
765Kb / 12P
   RN-42/RN-42-N Class 2 Bluetooth Module
logo
Contec Co., Ltd
FXA3000 CONTEC-FXA3000 Datasheet
632Kb / 2P
   IEEE802.11n/a/b/g Wireless LAN
logo
List of Unclassifed Man...
RN-XV-RD2-EVAL-UM ETC2-RN-XV-RD2-EVAL-UM Datasheet
867Kb / 14P
   This document describes the hardware and software setup for Roving Networks RN-XV-RD2 evaluation board, which allows you to evaluate the RN-XV 802.11 b/g module.
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
   Wireless LAN 802.11a/b/g Controller
2004
logo
Advantech Co., Ltd.
EKI-6311G ADVANTECH-EKI-6311G Datasheet
515Kb / 1P
   802.11 b/g Wireless Access Point/Client Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com