Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC1206MR-1327KL Datasheet(PDF) 8 Page - YAGEO Corporation

Part # RC1206MR-1327KL
Description  HIGH OHMIC CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC1206MR-1327KL Datasheet(HTML) 8 Page - YAGEO Corporation

  RC1206MR-1327KL Datasheet HTML 1Page - YAGEO Corporation RC1206MR-1327KL Datasheet HTML 2Page - YAGEO Corporation RC1206MR-1327KL Datasheet HTML 3Page - YAGEO Corporation RC1206MR-1327KL Datasheet HTML 4Page - YAGEO Corporation RC1206MR-1327KL Datasheet HTML 5Page - YAGEO Corporation RC1206MR-1327KL Datasheet HTML 6Page - YAGEO Corporation RC1206MR-1327KL Datasheet HTML 7Page - YAGEO Corporation RC1206MR-1327KL Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Chip Resistor Surface Mount
Product specification
8
8
SERIES
0805/1206 (RoHS Compliant)
RC-High ohmic
www.yageo.com
Dec 31, 2008 V.0
REVISION HISTORY
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION DATE
CHANGE NOTIFICATION DESCRIPTION
Version 0
Dec 31, 2008 -
- New datasheet for high ohmic chip resistors sizes of 0805/1206, 20%, 10%
and 5% with RoHS compliant
- Description of "Halogen Free Epoxy" added
- Define global part number


Similar Part No. - RC1206MR-1327KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC1206MR-13 YAGEO-RC1206MR-13 Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC1206MR-131KL YAGEO-RC1206MR-131KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC1206MR-13330RL YAGEO-RC1206MR-13330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC1206MR-13470KL YAGEO-RC1206MR-13470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
More results

Similar Description - RC1206MR-1327KL

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
442941 YAGEO-442941 Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-071KL YAGEO-RC0805JR-071KL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07470KL YAGEO-RC0805JR-07470KL Datasheet
388Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-07330RL YAGEO-RC0805JR-07330RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS
RC0805JR-0710RL YAGEO-RC0805JR-0710RL Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-075K6L YAGEO-RC0805JR-075K6L Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RC0805JR-07100ML YAGEO-RC0805JR-07100ML Datasheet
383Kb / 8P
   HIGH OHMIC CHIP RESISTORS RC high ohmic series
RL2512FK-070R1L YAGEO-RL2512FK-070R1L Datasheet
317Kb / 9P
   LOW OHMIC CHIP RESISTORS
RL0805FR YAGEO-RL0805FR Datasheet
579Kb / 9P
   LOW OHMIC CHIP RESISTORS
logo
WALSIN TECHNOLOGY CORPO...
WW08P WALSIN-WW08P Datasheet
239Kb / 7P
   High Power Low Ohmic Chip Resistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com