Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN-UFL-SMA6 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RN-UFL-SMA6
Description  RN-131G & RN-131C 802.11 b/g Wireless LAN Module
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RN-UFL-SMA6 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RN-UFL-SMA6 Datasheet HTML 1Page - List of Unclassifed Manufacturers RN-UFL-SMA6 Datasheet HTML 2Page - List of Unclassifed Manufacturers RN-UFL-SMA6 Datasheet HTML 3Page - List of Unclassifed Manufacturers RN-UFL-SMA6 Datasheet HTML 4Page - List of Unclassifed Manufacturers RN-UFL-SMA6 Datasheet HTML 5Page - List of Unclassifed Manufacturers RN-UFL-SMA6 Datasheet HTML 6Page - List of Unclassifed Manufacturers RN-UFL-SMA6 Datasheet HTML 7Page - List of Unclassifed Manufacturers RN-UFL-SMA6 Datasheet HTML 8Page - List of Unclassifed Manufacturers RN-UFL-SMA6 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
 
www.rovingnetworks.com
Version 3.2r 4/9/2012
2
RN -13 1-DS
OVERVIEW
Host data rate up to 1 Mbps for the UART
Intelligent, built-in power management with programmable wakeup
Real-time clock for time stamping, auto-sleep, and auto-wakeup
Configuration over UART using simple ASCII commands
Remote configuration over WiFi using Telnet
Supports over the air firmware upgrade (FTP)
Supports WPS pushbutton mode for easy association with access points
Secure WiFi authentication using WEP-128, WPA-PSK (TKIP), or WPA2-PSK (AES)
Built-in networking applications—DHCP, UDP, DNS, ARP, ICMP, TCP, HTTP client, and FTP client
802.11 power saving and roaming functions
The modules size and weight are:
Size—1.49” x 0.78” x 0.15” (37mm x 20 mm x 3.5 mm)
Weight—0.140 oz
Tables 1 through 4 provide detailed specifications for the module.
Table 1. Environmental Conditions
Parameter
RN-131G
RN-131C
Temperature Range (Operating)
-30
oC to +85 oC
0
oC to +70 oC
Temperature Range (Storage)
-40
oC to +85 oC
-40
oC o +85 oC
Relative Humidity (Operating)
≤ 90%
≤ 90%
Relative Humidity (Storage)
≤ 90%
≤ 90%
 
Table 2. Electrical Characteristics
Supply Voltage
Min
Typ.
Max.
Unit
Supply voltage VDD
3.0
3.3
3.7
VDC
Supply voltage (VBATT option)
2.0
3.0
3.3
VDC
Pin 21 switched 3.3 V output
150
mA
Digital input
Input logic high VIH
2.3 V
VDC
Input logic low VIL
1.0 V
VDC
Digital output drive
GPIO 4, 5, 6, 7, 8
24
mA
GPIO 9, 10, 11, 12, 13
8
mA
Power consumption
Sleep
4
uA
Standby (doze)
-
15
-
mA
Connected (idle, RX)
40
mA
Connected (TX)
140
212
mA


Similar Part No. - RN-UFL-SMA6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-USB ETC2-RN-USB Datasheet
401Kb / 6P
   The RN-XV-EK is an evaluation platform for the RN-XV module.
RN-USB-SERIAL ETC2-RN-USB-SERIAL Datasheet
867Kb / 14P
   This document describes the hardware and software setup for Roving Networks RN-XV-RD2 evaluation board, which allows you to evaluate the RN-XV 802.11 b/g module.
More results

Similar Description - RN-UFL-SMA6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN-131-DS ETC2-RN-131-DS Datasheet
863Kb / 18P
   RN-131G RN-131C 802.11 b/g Wireless LAN Module
logo
Microchip Technology
RN-171-DS MICROCHIP-RN-171-DS Datasheet
2Mb / 16P
   RN-171 802.11 b/g Wireless LAN Module
Version 3.21 10/2/2012
RN171 MICROCHIP-RN171 Datasheet
558Kb / 30P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
06/23/16
RN1723 MICROCHIP-RN1723 Datasheet
306Kb / 32P
   2.4 GHz IEEE Std. 802.11 b/g Wireless LAN Module
01/27/15
logo
List of Unclassifed Man...
RN-41-DS ETC2-RN-41-DS Datasheet
671Kb / 12P
   RN-41/RN-41-N Class 1 Bluetooth Module
RN-42-DS ETC2-RN-42-DS Datasheet
765Kb / 12P
   RN-42/RN-42-N Class 2 Bluetooth Module
logo
Contec Co., Ltd
FXA3000 CONTEC-FXA3000 Datasheet
632Kb / 2P
   IEEE802.11n/a/b/g Wireless LAN
logo
List of Unclassifed Man...
RN-XV-RD2-EVAL-UM ETC2-RN-XV-RD2-EVAL-UM Datasheet
867Kb / 14P
   This document describes the hardware and software setup for Roving Networks RN-XV-RD2 evaluation board, which allows you to evaluate the RN-XV 802.11 b/g module.
logo
Infineon Technologies A...
ADM8262 INFINEON-ADM8262 Datasheet
425Kb / 2P
   Wireless LAN 802.11a/b/g Controller
2004
logo
Advantech Co., Ltd.
EKI-6311G ADVANTECH-EKI-6311G Datasheet
515Kb / 1P
   802.11 b/g Wireless Access Point/Client Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com